Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP Datasheet(PDF) 1 Page - VIGO Photonics S.A.

Part # SIP
Description  SIP series preamplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIGO [VIGO Photonics S.A.]
Direct Link  https://vigophotonics.com/us/
Logo VIGO - VIGO Photonics S.A.

SIP Datasheet(HTML) 1 Page - VIGO Photonics S.A.

  SIP Datasheet HTML 1Page - VIGO Photonics S.A. SIP Datasheet HTML 2Page - VIGO Photonics S.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIP series preamplifiers datasheet
P a g e | 1
18/03/2021
VIGO System S.A. reserves the right to change these specifications at any time without notification.
www.vigo.com.pl
SIP series
SIP is a series of ultra-small transimpedance, AC or DC coupled
preamplifiers. It is designed to operate with either biased or
non-biased detectors. It is compatible with uncooled detectors in
TO39 package (SIP-TO39) or thermoelectrically cooled detectors in
TO8 package (SIP-TO8). SIP is dedicated for OEM applications and
requires external heatsink (MHS-2). There is a possibility to adjust
gain (devices with a frequency bandwidth up to 100 MHz).
Features
Very small size
Frequency bandwidth up to 250 MHz
Adjustable gain as an option
SIP-TO8
SIP-TO39
Specification (Ta = 20°C)
Parameter
Typical value
Conditions, remarks
Low cut-off frequency flo, Hz
DC, 10, 100, 1k, 10k
High cut-off frequency fhi, Hz
100k, 1M, 10M, 100M, 250M
Transimpedance Ki, V/A
up to 100k
tunable
Transimpedance range Ki max/Ki min
up to 5
dependent on fhi
Output impedance Rout, Ω
50
Output voltage swing Vout, V
±10
±2
±1
fhi ≤ 1 MHz, RL = 1 MΩ*)
1 MHz < fhi ≤ 10 MHz, RL = 1 MΩ*)
10 MHz < fhi ≤ 250 MHz, RL = 50 Ω*)
Output voltage offset Voff, mV
max ±20**)
Power supply voltage Vsup, V
±15
±9
fhi ≤ 1 MHz
fhi > 1 MHz
Power supply current Isup, mA
max ±50
no detector biasing
Ambient operating temperature Ta, °C
10 to 30
Signal output socket
MMCX
Power supply and TEC control socket
AMP2×4 (male)
AMPMODU 2×4
Mounting hole
none
Fan
no
external heatsink necessary
*) RL – load resistance
**) Measured with equivalent resistor at the input instead of the detector, it is to avoid the environmental thermal radiation impact.
Types of VIGO detectors that can be integrated
with SIP-TO8 preamplifier
Photoconductive
PC-2TE, PC-3TE, PC-4TE
Phtoconductive optically immersed
PCI-2TE, PCI-3TE, PCI-4TE
Photovoltaic
PV-2TE, PVA-2TE, PV-3TE, PV-4TE
Photovoltaic optically immersed
PVI-2TE, PVIA-2TE, PVI-3TE, PVI-4TE
Photovoltaic multiple junction
PVM-2TE
Photovoltaic multiple junction optically immersed
PVMI-2TE, PVMI-3TE, PVMI-4TE
Types of VIGO detectors that can be
integrated with SIP-TO39 preamplifier
Photoconductive
PC
Phtoconductive optically immersed
PCI
Photovoltaic
PV, PVA
Photovoltaic optically immersed
PVI, PVIA
Photovoltaic multiple junction
PVM
Photovoltaic multiple junction optically
immersed
PVMI
Code description
Type
flo, Hz
fhi, Hz
Detector
package
Gain adjustment
SIP –
DC
10
100
1k
10k
–
100k
1M
10M
100M
250M
–
TO8
TO39
–
G*)
(with gain adjustment)
NG
(without gain adjustment)
*) Only for SIP preamplifier with fhi ≤ 100 MHz.


Similar Part No. - SIP

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
SIP AMKOR-SIP Datasheet
2Mb / 5P
SiPs as multi-component, multifunction products in an IC package.
02/22
logo
Multicomp Pro
SIP MULTICOMP-SIP Datasheet
110Kb / 3P
Single In Line Switches - Straight Terminals
21/3/08 REV A
logo
Samsung semiconductor
SIP-005AFS301 SAMSUNG-SIP-005AFS301 Datasheet
1Mb / 75P
BLOCK DIAGRAM AND MODULE FEATURES
SIP-005AFS302 SAMSUNG-SIP-005AFS302 Datasheet
1Mb / 75P
BLOCK DIAGRAM AND MODULE FEATURES
logo
Multicomp Pro
SIP-02A MULTICOMP-SIP-02A Datasheet
191Kb / 1P
SIP Switches
19/05/20 V1.0
More results

Similar Description - SIP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6326 STMICROELECTRONICS-L6326 Datasheet
58Kb / 4P
2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS
Feb-2001
logo
Toshiba Semiconductor
TA7795F TOSHIBA-TA7795F Datasheet
368Kb / 9P
DUAL PREAMPLIFIERS FOR AUTO-REVERSE SYSTEM (1.5V USE)
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
logo
List of Unclassifed Man...
SIL4 ETC1-SIL4 Datasheet
609Kb / 7P
SIP SERIES REED RELAYS
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060_11 Datasheet
565Kb / 15P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 3; 4/11
MAX4465EXK MAXIM-MAX4465EXK Datasheet
282Kb / 12P
Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers
Rev 2; 6/12
logo
PEAK electronics GmbH
PPM165-SIP PEAK-PPM165-SIP Datasheet
173Kb / 3P
PPM-SIP-SERIES
logo
ELESTA GmbH
SIP6 ELESTA-SIP6 Datasheet
241Kb / 1P
SIP 6 Series
logo
National Semiconductor ...
LM221 NSC-LM221 Datasheet
175Kb / 10P
Precision Preamplifiers
February 1995
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com