Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4412-3ARQZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4412-3ARQZ-R7
Description  Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4412-3ARQZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4412-3ARQZ-R7 Datasheet HTML 3Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 4Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 5Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 6Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 7Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 8Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 9Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 10Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADA4412-3
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, RL = 150 Ω, VO = 1.4 V p-p, VS = 5 V, TA = 25°C.
FREQUENCY (MHz)
1
10
100
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
9
FC = 9MHz
FC = 18MHz
FC = 36MHz
BLACK LINE: VS = +5V
GRAY LINE: VS = ±5V
Figure 4. Frequency Response vs. Power Supply and Cutoff Frequency
FREQUENCY (MHz)
1
10
100
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
BLACK LINE: VS = +5V
GRAY LINE: VS = ±5V
FC = 9MHz
FC = 18MHz
FC = 36MHz
Figure 5. Frequency Response Flatness vs. Cutoff Frequency
FREQUENCY (MHz)
110
100
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
9
FC = 9MHz
FC = 18MHz
FC = 36MHz
BLACK LINE:
VOUT = 100mV p-p
GRAY LINE:
VOUT = 2V p-p
Figure 6. Frequency Response vs. Output Amplitude and Cutoff Frequency
FREQUENCY (MHz)
110
100
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
9
FC = 36MHz
FC = 9MHz
FC = 18MHz
–40
°C
+25
°C
+85
°C
Figure 7. Frequency Response vs. Temperature and Cutoff Frequency
FREQUENCY (MHz)
110
10
100
90
80
70
60
50
40
30
20
100
FC = 9MHz
FC = 18MHz
FC = 36MHz
BLACK LINE: VS = +5V
GRAY LINE: VS = ±5V
Figure 8. Group Delay vs. Frequency, Power Supply, and Cutoff Frequency
FREQUENCY (MHz)
0.1
1
10
100
–100
–90
–80
–70
–60
–50
–40
FC = 9MHz
FC = 18MHz
FC = 36MHz
RSOURCE = 300Ω
Y AND Pr SOURCE CHANNELS
Pb RECEPTOR CHANNEL
Figure 9. Channel-to-Channel Crosstalk vs. Frequency and Cutoff Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com