Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4412-3ARQZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4412-3ARQZ-R7
Description  Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4412-3ARQZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4412-3ARQZ-R7 Datasheet HTML 8Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 9Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 10Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 11Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 12Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 13Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 14Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 15Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADA4412-3
Rev. 0 | Page 12 of 16
Y/G
3
Pb/B
5
Pr/R
7
5V
(ANALOG)
LEVEL1
LEVEL2
VCC
13
1
20
DISABLE
2
F_SEL_A
8
F_SEL_B
9
CUTOFF
FREQUENCY
SELECT
INPUT
GND
4, 6, 10
VEE
15, 17
18
Y/G_OUT
16
Pb/B_OUT
14
Pr/R_OUT
0.1
μF
19
VCC
ADA4412-3
DGND
11
ADV7322
VIDEO ENCODER
VIDEO
DAC
OUTPUTS
RL
RL
RL
0.1
μF
0.1
μF
0.1
μF
10k
Ω
DNP
0
Ω
634
Ω
75
Ω 220μF
75
Ω 220μF
75
Ω 220μF
Figure 20. The ADA4412-3 Applied as a Single-Supply Reconstruction Filter Following the ADV7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com