Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4412-3ARQZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4412-3ARQZ-R7
Description  Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4412-3ARQZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4412-3ARQZ-R7 Datasheet HTML 4Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 5Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 6Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 7Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 8Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 9Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 10Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 11Page - Analog Devices ADA4412-3ARQZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADA4412-3
Rev. 0 | Page 8 of 16
FREQUENCY (MHz)
0.1
1
10
100
–75
–65
–55
–45
–35
–25
–15
–5
5
FC = 9MHz
FC = 18MHz
FC = 36MHz
Figure 10. Positive Supply PSRR vs. Frequency and Cutoff Frequency
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
50ns/DIV
2 ×
INPUT
OUTPUT
0.5% (70ns)
ERROR
1% (58ns)
Figure 11. Settling Time
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
100ns/DIV
FC = 9MHz
FC = 18MHz
FC = 36MHz
Figure 12. Transient Response vs. Cutoff Frequency
FREQUENCY (MHz)
0.1
1
10
100
–75
5
–5
–15
–25
–35
–45
–55
–65
FC = 9MHz
FC = 18MHz
FC = 36MHz
Figure 13. Negative Supply PSRR vs. Frequency and Cutoff Frequency
–1
6
5
4
3
2
1
0
200ns/DIV
2
× INPUT
FC = 36MHz
FC = 18MHz
FC = 9MHz
Figure 14. Overdrive Recovery vs. Cutoff Frequency
MINIMUM-LOSS MATCHING NETWORK LOSS CALIBRATED OUT
50
Ω
118
Ω
RL = 150Ω
50
Ω
86.6
Ω
50
Ω
NETWORK
ANALYZER Tx
NETWORK
ANALYZER Rx
DUT
Figure 15. Basic Test Circuit for Swept Frequency Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com