Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDPX Datasheet(PDF) 2 Page - ITT Industries

Part # TDPX
Description  Rack and Panel Filter Connectors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TDPX Datasheet(HTML) 2 Page - ITT Industries

  TDPX Datasheet HTML 1Page - ITT Industries TDPX Datasheet HTML 2Page - ITT Industries TDPX Datasheet HTML 3Page - ITT Industries TDPX Datasheet HTML 4Page - ITT Industries TDPX Datasheet HTML 5Page - ITT Industries TDPX Datasheet HTML 6Page - ITT Industries TDPX Datasheet HTML 7Page - ITT Industries TDPX Datasheet HTML 8Page - ITT Industries TDPX Datasheet HTML 9Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.ittcannon.com
317
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-81659 Rack and Panel Filter Connectors
TDPX
How to Order - Multiple Gang
FILTER SERIES INDICATOR
T
DPX
4
E
57
57
N
M
P
P
L
-
-
34
00
01
57
57
T
P
P
-
SERIES PREFIX
GANGS IN SHELL
ENVIRONMENTAL
CONTACT ARRANGEMENT
FILTER SERIES INDICATOR
SERIES PREFIX
GANGS IN SHELL
ENVIRONMENTAL
CONTACT ARRANGEMENT
CONTACT ARRANGEMENT
FILTER TYPE
CONTACT TYPE
FILTER TYPE
CONTACT TYPE
CONTACT ARRANGEMENT
FILTER TYPE
CONTACT TYPE
CONTACT ARRANGEMENT
CAPACITANCE INDICATOR
(Side D)
(Side C)
(Side B)
(Side A)
CONTACT TYPE
SHELL TYPE
MODIFICATION NUMBER
POLARIZING POSITION
T - Transverse Monolith
CAPACITANCD INDICATOR (Each gang, as desired)*
L - Low Frequency
M - Mid Frequency
T - Standard Frequency
Note: Use of "T" omitted in past nomen-
clature
H - High Frequency
N - No filter this gang. Standard DPX insert
assembly.
POLARIZING POSITION (see pages 67-68)
MODIFICATION NUMBERS
- 0001 indicates standard design for all styles.
TDPX2-33B:
- 0301 -
Mounting holes .120 dia.
Countersunk 100˚ to .230 dia.
With #4-40 clinch nuts in mounting
holes.
With 6 #4-40 clunch nuts in mount-
ing holes.
With 10 #4-40 clinch nuts in
mounting holes.
- 0101 -
- 0101 -
- 0101 -
TDPX2-34:
TDPX3-34:
TDPX4-34:
CONTACT TYPE
P for pin; S for socket. Designation follows each
arrangement as ordered for 2, 3, or 4 gang
versions. (Printed circuit contact/termiation is
available. Consult factory for specifications.)
SHELL TYPE
33B for male (ARINC B)
34B for female (ARINC B)
33 for male
34 for female
Note: ARINC B specified for DPX2 only.
DPX - DPX series with solder termination.
2, 3, and 4 gang
E - For interfacial (pin)
Delete for standard.
See page 31 for applicable arrangements. Please
specify each arrangement number as indicated in
ordering nomenclature for 2, 3, or 4 gang.
The last two digits in the four-digit dash number
refer to the polarizing post position. When the last
two digits are omitted, the polarizing posts will be
assembled in position 01, but the position number
is not stamped on the connector. This allows the
customer to position the posts themselves nd
then stamp the appropriate number on the shell. If
the last two digits are 00, the polarizing posts are
deleted.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com