Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDPX Datasheet(PDF) 6 Page - ITT Industries

Part # TDPX
Description  Rack and Panel Filter Connectors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TDPX Datasheet(HTML) 6 Page - ITT Industries

  TDPX Datasheet HTML 1Page - ITT Industries TDPX Datasheet HTML 2Page - ITT Industries TDPX Datasheet HTML 3Page - ITT Industries TDPX Datasheet HTML 4Page - ITT Industries TDPX Datasheet HTML 5Page - ITT Industries TDPX Datasheet HTML 6Page - ITT Industries TDPX Datasheet HTML 7Page - ITT Industries TDPX Datasheet HTML 8Page - ITT Industries TDPX Datasheet HTML 9Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.ittcannon.com
321
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
ARINC 600 Rack and Panel Filter Connectors
TBKAD
How to Order
FILTER SERIES INDICATOR
T
BKA D
M
4
80
81
*
2
100
CONNECTOR SERIES
**
CLASS
SHELL SIZE
CONNECTOR LAYOUT DESCRIPTION
FILTER SERIES INDICATOR
CONNECTOR SERIES
CLASS
CONNECTOR LAYOUT DESCRIPTION
Connector
Layout
-060
-A060
-120
-100
-300
-400
-600
-800
Connector
Size
# of Clinch Nuts
Receptacle
1
2
3
4
6
10
Connector
Size
# of Clinch Nuts
Receptacle
1
2
3
4
6
10
1
1
1
2
2
2
3
3
-
60
60
-
150
150
150
150
60
-
60
-
150
150
150
150
-
-
-
100
-
100
-
100
150
150
150
150
-
100
Shell
Size
Shell Cavity Identification
A
B
C
D
E
F
CAPACITANCE INDICATOR
SHELL STYLE
CONNECTOR MOUNTING MODIFIER
SHELL SIZE
CAPACITANCE INDICATOR
SHELL STYLE
CONNECTOR MOUNTING MODIFIER
POLARIZING POSITION
SPECIAL MODIFIER
POLARIZING POSITION
SPECIAL MODIFIER
T - Transverse Monolith
1-Max. contact capacity - 125
2-Max. contact capacity - 400
3-Max. contact capacity - 800
02-Size 1 receptacle only - less 3 printed circuit
board mounting lugs
03-With #4-40 ESMA (#22 NCFMA2-40) clinch
nuts
08-Size 2 and 3 receptacle only-with #4-40
ESMA (#22 NCFMA2-40) clinch nuts (all
mounting holes)
09-Size 2 and 3 receptacle only-with #6-32
ESMA (#12 NCFMA2062) clinch nuts (all
mounting holes)
23-with floating eyelets (.048 min. radial float)
4 corner holes per connector
Consult factory if other modifications are required.
01 thru 99 (per ARINC 600)
Blank-Polarizing posts or keys not installed but
supplied with connector
Consult factory
L - 32,000-45,000 PF
M - 8,000-12,000 PF
T - 3,300-5,000 PF
H -850-1,300 PF
3-Plug (rack side) consult factory
4-Receptacle (box side)
00-Standard design .148 dia. holes
01-With #6-32 ESMA (#12 NCFMA2-62) clinch
nuts
BKA (Per ARINC 600)
* * Consult factory for availability.
D - Non-environmental
(rear release, crimp contacts)
Three digit number contained within the shell layout
indicates total number of contacts available
TBKAD/E connectors represent a major milestone
in presenting a new rack and panel connector for
support of the air transportation market.
Several important design concerns have benn ad-
dressed and solved in this series. High mating
forces of pluggable modules in a rack have been
reduced by approximately two-thirds. Filter adapta-
tions include either single module of tandem (dual)
module with crimp piggyback rear release contacts.
In the ARINC 600 connector series, size 22 con-
tacts are the only size that utilize the Pos-Align
Connector Construction feature. The hooded socket
extends from its receptacle insulator in the filter
design.
Low insertion force contacts.
Non-environmental versions.
Polarizing posts that are removable from the
mating face.
Field replaceable inserts for size 22 and power
contacts.
Field replaceable filter modules with size 22
contacts.
Up to 800 size 22 contacts in one connector.
Crimp piggy back and pi contacts for filter
module.
Uses standard DPX crimp, insertion/extraction
tooling.
Waveguide connections available.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com