Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDPX Datasheet(PDF) 1 Page - ITT Industries

Part # TDPX
Description  Rack and Panel Filter Connectors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TDPX Datasheet(HTML) 1 Page - ITT Industries

  TDPX Datasheet HTML 1Page - ITT Industries TDPX Datasheet HTML 2Page - ITT Industries TDPX Datasheet HTML 3Page - ITT Industries TDPX Datasheet HTML 4Page - ITT Industries TDPX Datasheet HTML 5Page - ITT Industries TDPX Datasheet HTML 6Page - ITT Industries TDPX Datasheet HTML 7Page - ITT Industries TDPX Datasheet HTML 8Page - ITT Industries TDPX Datasheet HTML 9Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.ittcannon.com
316
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-81659 Rack and Panel Filter Connectors
TDPX
Performance and Material Specifications
How to Order - Single Gang
MATERIALS AND FINISHES
ELECTRICAL
FILTER SERIES INDICATOR
T
DPX
E
57
L
34
P
00
01
B
-
-
SERIES PREFIX
ENVIRONMENTAL
SHELL STYLE
FILTER SERIES INDICATOR
T - Transverse Monolith
Single gang DPX
E - For interfacial (pin)
Delete for standard
B - Polarized ARINC B shell (preferred)
D - DPXA flange (less polarizing posts)
See page 318.
P-Pin; S-Socket
TDPXD
None
TDPXB
03 - Mounting holes countersunk 100˚ to .230
(5.84) dia.
23 - With floating eyelets.
Consult factory.
See pages 67 - 68.
L - Low Frequency
M - Mid Frequency
T - Standard Frequency
Note: Use of "T" omitted in past nomen-
clature.
H - High Frequency
N - No filters this gang. Standard DPX insert
assembly.
33 - Male (plug)
34 - Female (receptacle)
SERIES PREFIX
ENVIRONMENTAL
SHELL STYLE
CONTACT ARRANGEMENT
CAPACITANCE INDICATOR
SHELL TYPE
CONTACT ARRANGEMENT
CAPACITANCE INDICATOR
SHELL TYPE
CONTACT TYPE
MODIFICATION
POLARIZING POSITION
CONTACT TYPE
MODIFICATION
POLARIZING POSITION
Description
Cadmium plate (yellow chro-
mate)
Gold over suitable underplate
none
none
Silver plate
Passivate
Aluminum alloy
Copper alloy
High grade plastic
Neoprene rubber
Beryllium copper
Stainless steel
Shell
Contacts
Insulator
Interfacial and
Peripheral Seals
Ground Plane
Polarizing Posts
Contacts Size
Available Filter
Catalog Reference
Voltage Rating
Current Rating (Amp DC)
Insulation Resistance, 2 min. electrification
time max. at 25˚C and 100 VDC
DWV, sea level, with 500 microamps max.
charge/discharge current
Capacitance at 1 KHz, 0.1 V rms
picofarads
20 & 22
Low Freq.
L
Mid Freq.
M
High Freq.
H
5 amp
300
VDC
32,000
45,000
32,000
45,000
8,000
12,000
850
1,300
Attenuation per MIL-STD-220
at 25˚C with no applied
voltage or current.
20, 16 & 22
Std. Freq.
T
16
Low Freq.
L
200 VDC - 120 VAC rms 400 Hz
7.5 amp - size #20, 20 amp - size #16
20 amp
5,000 megohms minimum
@ 100 VDC
500
VDC
500
VDC
2,300
5,000
Attenuation (dB)
Freq. MHz
0.1
1
2
10
100
2 min.
15 min.
20 min.
35 min.
60 min.
65 min.
-
2 min.
5 min.
20 min.
55 min.
60 min.
500 to
10,000
Pi
Filter Type
†=Check Factory for availability of Size 22 "T" filters.
Pi
Pi
Pi
Pi
-
-
2 min.
12 min.
50 min.
55 min.
-
-
-
2 min.
30 min.
50 min.
2 min.
15 min.
20 min.
35 min.
50 min.
50 min.
Material
Finish
Note: The TDPX replaces the obsolete DPXJ Series
TDPX filter connectors are used primarily on com-
mercial and military aircraft for radio and instru-
mentation equipment and are available in single
thru four gang version with standard ARINC shells
and polarizing posts. They are intermateable with
the standard DPX connectors and available in 9
contact arrangements.
Meets applicable portions of MIL-Spec.


Similar Part No. - TDPX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDP VISHAY-TDP Datasheet
260Kb / 4P
Molded, Dual-In-Line Resistor Networks
16-May-07
logo
C&K Components
TDP CK-COMPONENTS-TDP Datasheet
195Kb / 3P
Half-pitch Side-Actuated DIP Switches
logo
Delta Electronics, Inc.
TDP DELTA-TDP Datasheet
684Kb / 1P
HIGH PERFORMANCE 3-PHASE 3-WIRE PLASTIC CASE FILTERS
logo
C&K Components
TDP CK-COMPONENTS-TDP Datasheet
326Kb / 3P
Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
Vishay Siliconix
TDP VISHAY-TDP Datasheet
91Kb / 4P
Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
07-Apr-2021
More results

Similar Description - TDPX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
Rack and Panel Connectors
22-Aug-00
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
Rack and Panel Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
Rack and Panel Connectors
15-Feb-07
SM20 VISHAY-SM20 Datasheet
216Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
Rack and Panel Connectors
08-Feb-07
G16P-AB VISHAY-G16P-AB Datasheet
375Kb / 2P
Rack and Panel Connectors Side Mount
08-Feb-07
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
05-May-09
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
Cannon Rack and Panel Connectors
logo
Vishay Siliconix
A20 VISHAY-A20_V01 Datasheet
459Kb / 3P
Rack and Panel Connectors Side Mount
08-Feb-07
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
05-May-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com