Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9331C Datasheet(PDF) 3 Page - KISTLER INSTRUMENT CORPORATION

Part # 9331C
Description  Piezoelectric Load Cells for measuring dynamic and quasistatic tensile and compression forces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9331C Datasheet(HTML) 3 Page - KISTLER INSTRUMENT CORPORATION

  9331C Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9331C Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9331C Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9331C Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9331C Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 9331C Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3/6
Piezoelectric Load Cells – for measuring dynamic and quasistatic tensile and compression forces,
Type 9301C ... 9371C
© 2021 Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group pro-
ducts are protected by several intellectual property rights. For more details see
www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves the
right to make technical changes. Liability for consequential damage resulting from
the use of Kistler products is excluded.
Calibration and measuring ranges
The expected error deviations of a sensor are directly depen-
dent on the size of the measuring range and the choice of the
operating point. The smaller the measuring range, the better
the linearity and hysteresis.
The piezoelectric force transducers 93x1C are preloaded with
60% of the nominal force of the 90x1C sensor built into them.
This enables the measurement of equally large positive and
negative forces.
The lowest 20% of the nominal force range is not taken into
account, since the susceptibility to moments, shear forces and
non-linearities is highest there.
The load cells 93x1C are calibrated in three different ranges:
+100%, -100%, +1%.
A detailed operating manual with further explanations of
Installation, dimensioning and cabling can be found in the
download area of our website www.kistler.com.
Mounting Examples, Different Types of Force Introduction
Example A
Example B
Example C
Force introduction of compression forces.
Loading from tensile and compression forces
via an extension piece. The preloading force
on the sleeve must not be less than a mini-
mum value under the effect of tensile forces.
Force introduction of tensile and compres-
sion forces directly onto the threaded con-
nection. In this case, a lock nut should al-
ways be used.
Example D
Mounting example of a force link in a hy-
draulic clamping device. Monitoring of ten-
sile and compression forces.
Example C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com