Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9331C Datasheet(PDF) 6 Page - KISTLER INSTRUMENT CORPORATION

Part # 9331C
Description  Piezoelectric Load Cells for measuring dynamic and quasistatic tensile and compression forces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9331C Datasheet(HTML) 6 Page - KISTLER INSTRUMENT CORPORATION

  9331C Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9331C Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9331C Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9331C Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9331C Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 9331C Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page 6/6
Piezoelectric Load Cells – for measuring dynamic and quasistatic tensile and compression forces,
Type 9301C ... 9371C
© 2021 Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group pro-
ducts are protected by several intellectual property rights. For more details see
www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves the
right to make technical changes. Liability for consequential damage resulting from
the use of Kistler products is excluded.
Charge amplifiers
Various criteria are decisive when selecting the right charge
amplifier for a given application. Among the most important
are the number of channels, the measuring range, the type of
measurement and the frequency range. At this point, only a
tabular summary is shown to provide an overview. More de-
tailed information and explanations are available in the force
product catalog and in the respective data sheets at www.
kistler.com
.
Digital laboratory amplifiers: LabAmp
The latest generation of universal laboratory charge amplifiers;
with integrated data acquisition for dynamic or quasistatic
measurements; network ready with web interface.
Analog laboratory amplifiers: Type 5015A, 5018A and 5080A
The proven analog charge amplifiers for laboratories and re-
search. With very wide measuring range and high flexibility
(Type 5080A).
Industrial amplifiers
Size- and function-optimized amplifiers for continuous use in
daily work. Bus-capable; some with further functions. (evalua-
tion of force curves, etc.)
Fig. 4: LabAmp Type 5165A and Type 5167A
Fig. 5: Laboratory charge amplifiers Type 5015A and Type 5080A
Fig. 6: Industrial amplifiers Type 5073A and 5074A (from left) At the
right is the maXYmos BL Type 5867B…
Optional Accessories
Type
• Distributing cap
9500A...
• Flange
9501A...
• Cables according to table on page 5
Piezoelectric Force Transducer
Range ±3 kN
0
Range ±6 kN
1
Range ±14 kN
2
Range ±24 kN
3
Range ±36 kN
4
Range ±48 kN
5
Range ±80 kN
6
Range ±160 kN
7
Ordering key
Type 93
1C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com