Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9331C Datasheet(PDF) 1 Page - KISTLER INSTRUMENT CORPORATION

Part # 9331C
Description  Piezoelectric Load Cells for measuring dynamic and quasistatic tensile and compression forces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9331C Datasheet(HTML) 1 Page - KISTLER INSTRUMENT CORPORATION

  9331C Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9331C Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9331C Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9331C Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9331C Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 9331C Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1/6
Force
Piezoelectric Load Cells
for measuring dynamic and quasistatic
tensile and compression forces
© 2021 Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group pro-
ducts are protected by several intellectual property rights. For more details see
www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves the
right to make technical changes. Liability for consequential damage resulting from
the use of Kistler products is excluded.
Type 9301C ... 9371C
Piezoelectric load cells, also known as force transducers or
force links, measure dynamic or quasistatic forces, both ten-
sile and compression. These load cells contain a piezoelectric
ring force transducer of the 90x1C family: preloaded and cali-
brated, thus ready to use immediately.
• Calibrated and ready to use
• Simple installation
• Centering seats for exact installation
• Ground-isolated
• Accessories for optimum force introduction
Description
The 93x1C load cell family is the easiest way to measure forces
piezoelectrically without the need for sophisticated installation
and calibration. The force transducers are factory calibrated
and preloaded to measure both tension and compression forc-
es. This means, that the sensor is ready to measure within
minutes and provides accurate data from dynamic or quasi-
static processes. In addition, the sensor has been installed in
an electrically isolated manner, so that ground loops are largely
eliminated.
Application
Quasistatic measurements are possible without any problems,
but the 93x1C is mainly used where dynamic processes have
to be recorded exactly. Due to the extremely high stiffness of
the piezoelectric load cell, the elastic behavior of the measured
object is practically unchanged.
The force link comes calibrated in 3 different ranges and is im-
mediately ready for use.
Examples of Use
Automobile industry
• Safety technology, monitoring of collision forces
• Mechanical shocks in chassis
• Forces on balancing machines
Material testing
• Impact testing, alternate strength testing
Machine tools
• Monitoring on presses, punching, embossing and
welding machines
• Force measurements on longitudinal guideways
Mounting and Force Introduction
The mounting of these force transducers is quite simple, but
nevertheless it should be done carefully and correctly:
• The contact surfaces must be flat, clean, parallel and as rigid
as possible.
• The fixing screws must not touch the threaded base.
• The mounting screw must be tightened so that no gap is
created at maximum tensile force.
The force application should be as concentric as possible with
the sensor axis. Eccentric force introduction, bending moments,
torques and shear forces are only permissible up to a certain
degree. For further details, please refer to the user manual.
General machine building
• Monitoring of supporting forces (force oscillations) on
machinery mounted on damping elements.
• Clamping processes, e.g. force sensor combined with
hydraulic cylinder
• Joining technique (insertion, press fit of components)
Quality control
• Force measurements on switches
• Monitoring of automatic assembly machines


Similar Part No. - 9331C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9331 ETC2-9331 Datasheet
1Mb / 22P
300V Power-Limited Tray Cables ??Overview
logo
Belden Inc.
9331 BELDEN-9331 Datasheet
174Kb / 2P
High Perform Instr, 6 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
logo
Keystone Electronics Co...
9331 KEYSTONE-9331 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9331 HEYCO-9331 Datasheet
105Kb / 1P
Countersunk Type H Rivets
logo
Belden Inc.
9331-0601000 BELDEN-9331-0601000 Datasheet
174Kb / 2P
High Perform Instr, 6 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
More results

Similar Description - 9331C

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
90X1C KISTLER-90X1C Datasheet
961Kb / 11P
Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 7.5 kN to 1 200 kN
90X7C KISTLER-90X7C Datasheet
921Kb / 7P
Triaxial Force Sensors for compression, tensile and shear forces of ±3kN ... ±300kN
910XC KISTLER-910XC Datasheet
377Kb / 6P
Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 20 kN to 700 kN
913XC KISTLER-913XC Datasheet
847Kb / 6P
Piezoelectric force sensor SlimLine Piezoelectric ring force transducers for tensile and compression forces from 3 kN to 80 kN
914XB KISTLER-914XB Datasheet
295Kb / 5P
SlimLine Sensor (SLS) Measurement of Dynamic and Quasistatic Shear Forces –0,9 … 0,9 kN up to 0 … ±8 kN
917XC KISTLER-917XC Datasheet
313Kb / 3P
Piezoelectric load cells SlimLine Piezoelectric force transducers for tensile and compression forces of up to –20 ... 75 kN
4578A KISTLER-4578A Datasheet
958Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 0,1 kN up to 0 ... 10 kN
4579A KISTLER-4579A Datasheet
825Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 20 kN up to 0 ... 500 kN
90X6C-SET KISTLER-90X6C-SET Datasheet
921Kb / 7P
Triaxial Force Sensors for compression, tensile and shear forces of ±3kN ... ±300kN
9211B KISTLER-9211B Datasheet
329Kb / 2P
Quartz Crystal Miniature Force Sensor for Measuring Dynamic and Quasistatic Forces
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com