Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLV57 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BLV57
Description  UHF linear push-pull power transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV57 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BLV57 Datasheet HTML 9Page - NXP Semiconductors BLV57 Datasheet HTML 10Page - NXP Semiconductors BLV57 Datasheet HTML 11Page - NXP Semiconductors BLV57 Datasheet HTML 12Page - NXP Semiconductors BLV57 Datasheet HTML 13Page - NXP Semiconductors BLV57 Datasheet HTML 14Page - NXP Semiconductors BLV57 Datasheet HTML 15Page - NXP Semiconductors BLV57 Datasheet HTML 16Page - NXP Semiconductors BLV57 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1998 Feb 09
13
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV57
Conditions for Figs 11and 12:
Typical values; VCE = 25 V; IC =2 × 0,85 A; − − − Th =25 °C;  Th =70 °C; fvision = 860 MHz.
Ruggedness in push-pull class-A operation
The BLV57 is capable of withstanding full load mismatch (VSWR = 50 through all phases) under the following
conditions:
Notes
1. Three-tone test method (vision carrier
−8 dB, sound carrier −7 dB, sideband signal −16 dB), zero dB corresponds to
peak sync level.
Intermodulation distortion of input signal
≤−70 dB.
2. Two-tone test method (vision carrier 0 dB, sound carrier
−7 dB), zero dB corresponds to peak sync level.
Cross-modulation distortion (dcm) is the voltage variation (%) of sound carrier when vision carrier is switched from 0
dB to
−20 dB.
VCE = 25 V; IC =2 × 0,85 A; Th =70 °C; Po sync(1) ≤ 12,5 W; f = 860 MHz; Rth mb-h = 0,25 K/W.
At any other composition of the output signal: PL (r.m.s. value) ≤ 5 W.
Fig.13 Input impedance (series components).
handbook, halfpage
400
650
900
6
2
0
4
MGP369
f (MHz)
xi
ri
ri, xi
(
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com