Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLV57 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # BLV57
Description  UHF linear push-pull power transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV57 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button BLV57 Datasheet HTML 16Page - NXP Semiconductors BLV57 Datasheet HTML 17Page - NXP Semiconductors BLV57 Datasheet HTML 18Page - NXP Semiconductors BLV57 Datasheet HTML 19Page - NXP Semiconductors BLV57 Datasheet HTML 20Page - NXP Semiconductors BLV57 Datasheet HTML 21Page - NXP Semiconductors BLV57 Datasheet HTML 22Page - NXP Semiconductors BLV57 Datasheet HTML 23Page - NXP Semiconductors BLV57 Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
1998 Feb 09
21
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV57
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT161A
97-06-28
0
5
10 mm
scale
Flanged ceramic package; 2 mounting holes; 8 leads
SOT161A
U2
H
D
A
F
A
b
M
w3
b1
H1
M
C
w2
w1
p
AB
M
E
Q
c
q
U1
e
e1
C
B
8
7
6
5
2
1
4
3
UNIT
A
mm
D
b
2.04
1.77
b1
2.93
2.66
0.18
0.10
10.22
10.00
E
10.22
10.00
e
3.50
17.00
16.00
10.34
10.08
7.27
6.47
c
e1
U2
0.26
0.51
1.02
w3
18.42
qw2
w1
F
2.70
2.08
U1
24.97
24.71
H1
12.83
12.57
p
3.36
2.92
Q
4.32
4.06
3.80
inches
0.080
0.070
0.115
0.105
0.007
0.004
0.402
0.394
0.402
0.394
0.138
0.669
0.630
0.407
0.397
0.286
0.255
0.01
0.02
0.04
0.725
0.106
0.082
0.983
0.973
0.505
0.495
0.132
0.120
0.170
0.160
0.150
H
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com