Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLV57 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # BLV57
Description  UHF linear push-pull power transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV57 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button BLV57 Datasheet HTML 12Page - NXP Semiconductors BLV57 Datasheet HTML 13Page - NXP Semiconductors BLV57 Datasheet HTML 14Page - NXP Semiconductors BLV57 Datasheet HTML 15Page - NXP Semiconductors BLV57 Datasheet HTML 16Page - NXP Semiconductors BLV57 Datasheet HTML 17Page - NXP Semiconductors BLV57 Datasheet HTML 18Page - NXP Semiconductors BLV57 Datasheet HTML 19Page - NXP Semiconductors BLV57 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
1998 Feb 09
16
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV57
List of components:
Note
1. ATC means American Technical Ceramics.
C1 = C6 = C15 = 4,7 pF (500 V) multilayer ceramic chip capacitor (ATC(1))
C2 = C3 = C18 = C19 = 33 pF multilayer ceramic chip capacitor (cat. no. 2222 851 13339)
C4 = C9 = C13 = C17 = 1,2 to 3,5 pF film dielectric trimmer (cat. no. 2222 809 05001)
C5 = C7 = C14 = C16 = 100 nF multilayer ceramic chip capacitor (cat. no. 2222 852 59104)
C8 = C10 = C11 = C12 = 220 pF multilayer ceramic chip capacitor (cat. no. 2222 852 13221)
C20 = C21 = 1 pF (500 V) multilayer ceramic chip capacitor (ATC(1))
C9 and C13 are placed 8,0 and 14,0 mm from transistor edge, respectively.
L1 = L2 = L13 = L14 = 50
Ω semi-rigid cable; outer diameter 2,2 mm; length 29,0 mm. These cables are soldered on
75
Ω striplines (1,1 mm × 28,0 mm). The centre conductors of the cables L1 and L13
are not connected.
L3 = L4 = 52
Ω stripline (2,0 mm × 16,5 mm)
L5 = L8 = 470 nH microchoke
L6 = L7 = 39
Ω stripline (3,1 mm × 8,0 mm)
L9 = L12 = 1 turn Cu wire (1,0 mm); int. dia. 5,5 mm; leads 2
× 3,5 mm
L10 = L11 = 39
Ω stripline (3,1 mm × 34,0 mm)
L3, L4, L6, L7, L10 and L11 are striplines on a double Cu-clad printed-circuit board with PTFE fibre-glass dielectric
(
∈r = 2,74); thickness 1/32”
R1 = 10
Ω carbon resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com