Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3417G Datasheet(PDF) 49 Page - Micronas

Part # MSP3417G
Description  Multistandard Sound Processor Family
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3417G Datasheet(HTML) 49 Page - Micronas

Back Button MSP3417G Datasheet HTML 45Page - Micronas MSP3417G Datasheet HTML 46Page - Micronas MSP3417G Datasheet HTML 47Page - Micronas MSP3417G Datasheet HTML 48Page - Micronas MSP3417G Datasheet HTML 49Page - Micronas MSP3417G Datasheet HTML 50Page - Micronas MSP3417G Datasheet HTML 51Page - Micronas MSP3417G Datasheet HTML 52Page - Micronas MSP3417G Datasheet HTML 53Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
PRELIMINARY DATA SHEET
MSP 34x7G
Micronas
49
4.6.3.4. I2C Bus Characteristics
Fig. 4–21: I2C bus timing diagram
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VI2CIL
I2C-Bus Input Low Voltage
I2C_CL,
I2C_DA
0.3
VSUP2
VI2CIH
I2C-Bus Input High Voltage
0.6
VSUP2
tI2C1
I2C Start Condition Setup Time
120
ns
tI2C2
I2C Stop Condition Setup Time
120
ns
tI2C5
I2C-Data Setup Time
before Rising Edge of Clock
55
ns
tI2C6
I2C-Data Hold Time
after Falling Edge of Clock
55
ns
tI2C3
I2C-Clock Low Pulse Time
I2C_CL
500
ns
tI2C4
I2C-Clock High Pulse Time
500
ns
fI2C
I2C-BUS Frequency
1.0
MHz
VI2COL
I2C-Data Output Low Voltage
I2C_CL,
I2C_DA
0.4
V
II2COL = 3 mA
II2COH
I2C-Data Output
High Leakage Current
1.0
µAV
I2COH = 5 V
tI2COL1
I2C-Data Output Hold Time
after Falling Edge of Clock
15
ns
tI2COL2
I2C-Data Output Setup Time
before Rising Edge of Clock
100
ns
fI2C = 1 MHz
I2C_CL
I2C_DA as input
I2C_DA as output
TI2C1
TI2C5
TI2C6
TI2C2
TI2C4
TI2C3
1/FI2C
TI2COL2
TI2COL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com