Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3417G Datasheet(PDF) 13 Page - Micronas

Part # MSP3417G
Description  Multistandard Sound Processor Family
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3417G Datasheet(HTML) 13 Page - Micronas

Back Button MSP3417G Datasheet HTML 9Page - Micronas MSP3417G Datasheet HTML 10Page - Micronas MSP3417G Datasheet HTML 11Page - Micronas MSP3417G Datasheet HTML 12Page - Micronas MSP3417G Datasheet HTML 13Page - Micronas MSP3417G Datasheet HTML 14Page - Micronas MSP3417G Datasheet HTML 15Page - Micronas MSP3417G Datasheet HTML 16Page - Micronas MSP3417G Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
PRELIMINARY DATA SHEET
MSP 34x7G
Micronas
13
2.6. SCART Signal Routing
2.6.1. SCART DSP In and SCART Out Select
The SCART DSP Input Select and SCART Output
Select blocks include switching facilities. The switches
are controlled by the ACB user register (see page 28).
2.6.2. Stand-by Mode
If the MSP 34x7G is switched off by first pulling
STANDBYQ low and then (after >1
µs delay) switching
off
DVSUP
and
AVSUP,
but
keeping
AHVSUP
(‘Stand-by’-mode), the SCART switches maintain
their position and function. This allows the copying
from SCART-input to SCART-output in the TV set’s
stand-by mode.
In case of power on or starting from stand-by (switch-
ing on the DVSUP and AVSUP, RESETQ going high
2 ms later), all internal registers except the ACB regis-
ter (page 28) are reset to the default configuration (see
Table 3–5 on page 17). The reset position of the ACB
register becomes active after the first I2C transmission
into the Baseband Processing part. By transmitting the
ACB register first, the reset state can be redefined.
2.7. Digital Control I/O Pins and
Status Change Indication
The static level of the digital input/output pins
D_CTR_I/O_0/1 is switchable between HIGH and
LOW via the I2C-bus by means of the ACB register
(see page 28). This enables the controlling of external
hardware switches or other devices via I2C-bus.
The digital input/output pins can be set to high imped-
ance by means of the MODUS register (see page 21).
In this mode, the pins can be used as input. The cur-
rent state can be read out of the STATUS register (see
page 22).
Optionally, the pin D_CTR_I/O_1 can be used as an
interrupt request signal to the controller, indicating any
changes in the read register STATUS. This makes poll-
ing unnecessary; I2C-bus interactions are reduced to a
minimum (see STATUS register on page 22 and
MODUS register on page 21).
2.8. Clock PLL Oscillator and
Crystal Specifications
The MSP 34x7G derives all internal system clocks
from the 18.432-MHz oscillator. In NICAM mode, the
clock is phase-locked to the corresponding source.
For proper performance, the MSP clock oscillator
requires a 18.432-MHz crystal. Note, that for the
phase-locked mode (NICAM), crystals with tighter tol-
erance are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com