Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3417G Datasheet(PDF) 22 Page - Micronas

Part # MSP3417G
Description  Multistandard Sound Processor Family
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3417G Datasheet(HTML) 22 Page - Micronas

Back Button MSP3417G Datasheet HTML 18Page - Micronas MSP3417G Datasheet HTML 19Page - Micronas MSP3417G Datasheet HTML 20Page - Micronas MSP3417G Datasheet HTML 21Page - Micronas MSP3417G Datasheet HTML 22Page - Micronas MSP3417G Datasheet HTML 23Page - Micronas MSP3417G Datasheet HTML 24Page - Micronas MSP3417G Datasheet HTML 25Page - Micronas MSP3417G Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 81 page
background image
MSP 34x7G
PRELIMINARY DATA SHEET
22
Micronas
3.3.2.5. Read Registers on I2C Subaddress 11hex
Table 3–10: Read Registers on I2C Subaddress 11hex
Register
Address
Function
Name
00 7Ehex
STANDARD RESULT Register
Readback of the detected TV sound or FM-Radio Standard
bit[15:0]
00 00hex Automatic Standard Detection could not find
a sound standard
00 02hex MSP Standard Codes (see Table 3–8)
...
00 40hex
>07 FFhex Automatic Standard Detection still active
STANDARD_RES
02 00hex
STATUS Register
Contains all user relevant internal information about the status of the MSP
bit[15:10]
undefined
bit[8]
0/1
“1” indicates bilingual sound mode or SAP present
(internally evaluated from received analog or digital iden-
tification signals)
bit[7]
0/1
“1” indicates independent mono sound (only for
NICAM)
bit[6]
0/1
mono/stereo indication
(internally evaluated from received analog or digital iden-
tification signals)
bit[5,9]
00
analog sound standard (FM or AM) active
01
this pattern will not occur
10
digital sound (NICAM) available
11
bad reception condition of digital sound (NICAM) due to:
a. high error rate
b. unimplemented sound code
c. data transmission only
bit[4]
0/1
low/high level of digital I/O pin D_CTR_I/O_1
bit[3]
0/1
low/high level of digital I/O pin D_CTR_I/O_0
bit[2]
0
detected secondary carrier (2nd A2 or SAP sub-carrier)
1
no secondary carrier detected
bit[1]
0
detected primary carrier (Mono or MPX carrier)
1
no primary carrier detected
bit[0]
undefined
If STATUS change indication is activated by means of MODUS[1]: Each
change in the STATUS register sets the digital I/O pin D_CTR_I/O_1 to high
level. Reading the STATUS register resets D_CTR_I/O_1.
STATUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com