Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4899-1YCPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4899-1YCPZ-R2
Description  Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4899-1YCPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4899-1YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADA4899-1
Rev. A | Page 8 of 20
100
10
1
0.1
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
G = +1
VS = ±5V
RL = 1kΩ
VOUT = 2V p-p
FREQUENCY (MHz)
HD3
HD2
Figure 17. Harmonic Distortion vs. Frequency
8
7
6
5
4
3
2
1
–120
–110
–100
–90
–80
–70
–60
–50
–40
G = +1
RL = 1kΩ
f = 5MHz
OUTPUT AMPLITUDE (V p-p)
HD3
HD2
Figure 18. Harmonic Distortion vs. Output Amplitude
100
10
1
0.1
–120
–110
–100
–90
–80
–70
–60
–50
–40
G = +1
RL = 1kΩ
VS = 5V
FREQUENCY (MHz)
VOUT = 2V p-p
VOUT = 1V p-p
HD3
HD2
HD3
HD2
Figure 19. Harmonic Distortion vs. Frequency
100
10
1
0.1
–120
–110
–100
–90
–80
–70
–60
–50
–40
G = +5
RL = 1kΩ
VS = ±5V
VOUT = 2V p-p
FREQUENCY (MHz)
HD2
HD3
Figure 20. Harmonic Distortion vs. Frequency
G = +5
VS = ±5V
RL = 100Ω
VOUT = 2V p-p
100
10
10
0.1
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY (MHz)
HD2
SOIC
–VS ON PIN 5
HD2
SOIC
–VS ON PIN 4
HD3
SOIC
–VS ON PIN 4 OR PIN 5
HD2
LFCSP
HD3
LFCSP
Figure 21. Harmonic Distortion vs. Frequency for
Various Pinouts and Packages
G = +1
VS = ±5V
RL = 100Ω
VOUT = 2V p-p
100
10
10
0.1
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY (MHz)
HD3
LFCSP OR SOIC
HD2
SOIC
HD2
LFCSP
Figure 22. Harmonic Distortion vs. Frequency for Both Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com