Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4899-1YCPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4899-1YCPZ-R2
Description  Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4899-1YCPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4899-1YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADA4899-1
Rev. A | Page 15 of 20
NOISE
To analyze the noise performance of an amplifier circuit, first
identify the noise sources, then determine if the source has a
significant contribution to the overall noise performance of the
amplifier. To simplify the noise calculations, noise spectral
densities were used, rather than actual voltages to leave
bandwidth out of the expressions (noise spectral density, which
is generally expressed in nV/√Hz, is equivalent to the noise in a
1 Hz bandwidth).
The noise model shown in Figure 48 has six individual noise
sources: the Johnson noise of the three resistors, the op amp
voltage noise, and the current noise in each input of the
amplifier. Each noise source has its own contribution to the
noise at the output. Noise is generally specified referred to input
(RTI), but it is often simpler to calculate the noise referred to
the output (RTO) and then divide by the noise gain to obtain
the RTI noise.
GAIN FROM
"B" TO OUTPUT
= – R2
R1
GAIN FROM
"A" TO OUTPUT
=
NOISE GAIN =
NG = 1 + R2
R1
IN–
VN
VN, R1
VN, R3
R1
R2
IN+
R3
4kTR2
4kTR1
4kTR3
VN, R2
B
A
VN2 + 4kTR3 + 4kTR1
R2
2
R1 + R2
IN+2R32 + IN–2
R1 × R2
2
+ 4kTR2
R1
2
R1 + R2
R1 + R2
RTI NOISE =
RTO NOISE = NG × RTI NOISE
VOUT
+
Figure 48. Op Amp Noise Analysis Model
All resistors have a Johnson noise that is calculated by
)
(4kBTR
where:
k is Boltzmann’s Constant (1.38 × 10–23 J/K).
T is the absolute temperature in Kelvin.
B is the bandwidth in Hz.
R is the resistance in ohms.
A simple relationship that is easy to remember is that a 50 Ω
resistor generates a Johnson noise of 1 nV√Hz at 25°C.
In applications where noise sensitivity is critical, care must be
taken not to introduce other significant noise sources to the
amplifier. Each resistor is a noise source. Attention to the
following areas is critical to maintain low noise performance:
design, layout, and component selection. A summary of noise
performance for the amplifier and associated resistors can be
seen in Table 4.
ADC DRIVER
The ultralow noise and distortion performance of the
ADA4899-1 makes it an excellent candidate for driving 16-bit
ADCs. The schematic for a single-ended input buffer using the
ADA4899-1 and the AD7677, a 1 MSPS, 16-bit ADC, is shown
in Figure 49. Table 5 shows the performance data of the
ADA4899-1 and the AD7677.
+5V
ANALOG
INPUT
ADA4899-1
–5V
2.7nF
25Ω
15Ω
+5V
+5V
ANALOG
INPUT
+
ADA4899-1
–5V
2.7nF
25Ω
15Ω
AD7677
IN+
IN–
+2.5V
REF
–5V
REF
Figure 49. Single-Ended Input ADC Driver
Table 5. ADA4899-1, Single-Ended Driver for AD7677
16-Bit, 1 MSPS, fc = 50 kHz
Parameter
Measurement (dB)
Second Harmonic Distortion
−116.5
Third Harmonic Distortion
−111.9
THD
−108.6
SFDR
+101.4
SNR
+92.6
The ADA4899-1 configured as a single-ended-to-differential
driver for the AD7677 is shown in Figure 50. Table 6 shows the
associated performance.
+5V
+2.5V REF
ANALOG
INPUT
ADA4899-1
–5V
590Ω
590Ω
+5V
+2.5V
REF
+2.5V
ADA4899-1
–5V
2.7nF
2.7nF
590Ω
590Ω
590Ω
15Ω
15Ω
590Ω
AD7677
IN+
IN–
REF
+5V
–5V
Figure 50. Single-Ended-to-Differential ADC Driver
Table 6. ADA4899-1, Single Ended-to-Differential Driver for
AD7677 16-Bit, 1 MSPS, fc = 500 kHz
Parameter
Measurement (dB)
THD
−92.7
SFDR
+91.8
SNR
+90.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com