Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4899-1YCPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4899-1YCPZ-R2
Description  Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4899-1YCPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4899-1YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADA4899-1
Rev. A | Page 14 of 20
APPLICATIONS
UNITY GAIN OPERATION
The ADA4899-1 schematic for unity gain configuration is
nearly a textbook example (see Figure 46). The only exception is
the small 24.9 Ω series resistor at the noninverting input. The
series resistor is only required in unity gain configurations;
higher gains negate the need for the resistor. In Table 4, it can be
seen that the overall noise contribution of the amplifier and the
24.9 Ω resistor is equivalent to the noise of a single 87 Ω resistor.
Figure 47 shows the small signal frequency response for the
unity gain amplifier shown in Figure 46.
VOUT
+VS
–VS
0.1µF
24.9Ω
VIN
0.1µF
Figure 46. Unity Gain Schematic
10000
1100
10
1000
–12
–9
–6
–3
0
3
G = +1
RL = 100Ω
FREQUENCY (MHz)
25mV p-p
50mV p-p
200mV p-p
100mV p-p
Figure 47. Small Signal Frequency Response for Various Output Voltages
RECOMMENDED VALUES FOR VARIOUS GAINS
Table 4 provides a handy reference for determining various
gains and associated performance. For noise gains greater than
one, the series resistor RS is not required. Resistors RF and RG
are kept low to minimize their contribution to the overall noise
performance of the amplifier.
Table 4. Conditions: VS = ±5 V, TA = 25°C, RL = 1 kΩ
Gain
RF (Ω)
RG (Ω)
RS (Ω)
−3 dB SS BW (MHz)
(25 mV p-p)
Slew Rate (V/μs)
(2 V Step)
ADA4899-1 Voltage
Noise (nV/√Hz)
Total Voltage
Noise (nV/√Hz)
+1
0
NA
24.9
605
274
1
1.2
−1
100
100
0
294
265
2
2.7
+2
100
100
0
277
253
2
2.7
+5
200
49.9
0
77
227
5
6.5
+10
453
49.9
0
37
161
10
13.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com