Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB200NF04L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB200NF04L
Description  N-CHANNEL 40V - 3 m ohm - 120 A TO-220/D2PAK/I2PAK STripFET II MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB200NF04L Datasheet(HTML) 1 Page - STMicroelectronics

  STB200NF04L Datasheet HTML 1Page - STMicroelectronics STB200NF04L Datasheet HTML 2Page - STMicroelectronics STB200NF04L Datasheet HTML 3Page - STMicroelectronics STB200NF04L Datasheet HTML 4Page - STMicroelectronics STB200NF04L Datasheet HTML 5Page - STMicroelectronics STB200NF04L Datasheet HTML 6Page - STMicroelectronics STB200NF04L Datasheet HTML 7Page - STMicroelectronics STB200NF04L Datasheet HTML 8Page - STMicroelectronics STB200NF04L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
April 2005
STP200NF04L
STB200NF04L - STB200NF04L-1
N-CHANNEL 40V - 3 m
Ω - 120 A TO-220/D²PAK/I²PAK
STripFET™ II MOSFET
Table 1: General Features
s
TYPICAL RDS(on) = 3mΩ
s
100% AVALANCHE TESTED
s
LOW THERESHOLD DRIVE
DESCRIPTION
This MOSFET is the latest development of STMi-
croelectronics unique “Single Feature Size™”
stripbased process. The resulting transistor shows
extremely high packing density for low on-resis-
tance, rugged avalanche characteristics and less-
critical alignement steps therefore a remarkable
manufacturing reproducibility. This new improved
device has been specifically designed for Automo-
tive applications.
APPLICATIONS
s
HIGH CURRENT, HIGH SWITCHING SPEED
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
STB200NF04L
STP200NF04L
STB200NF04L-1
40 V
40 V
40 V
3.5 m
Ω
3.8 m
Ω
3.8 m
Ω
120 A
120 A
120 A
1
2
3
1
3
1
2
3
TO-220
D²PAK
I²PAK
PART NUMBER
MARKING
PACKAGE
PACKAGING
STP200NF04L
P200NF04L
TO-220
TUBE
STB200NF04L
B200NF04L
D²PAK
TAPE & REEL
STB200NF04L-1
B200NF04L
I²PAK
TUBE
Rev. 1


Similar Part No. - STB200NF04L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB200NF04 STMICROELECTRONICS-STB200NF04 Datasheet
404Kb / 15P
N-CHANNEL 40V - 120 A - 3.3 mOHM TO-220/D2PAK/I2PAK STripFETII MOSFET
11-Oct-2004
logo
Inchange Semiconductor ...
STB200NF04 ISC-STB200NF04 Datasheet
349Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB200NF04-1 STMICROELECTRONICS-STB200NF04-1 Datasheet
404Kb / 15P
N-CHANNEL 40V - 120 A - 3.3 mOHM TO-220/D2PAK/I2PAK STripFETII MOSFET
11-Oct-2004
STB200NF04T4 STMICROELECTRONICS-STB200NF04T4 Datasheet
404Kb / 15P
N-CHANNEL 40V - 120 A - 3.3 mOHM TO-220/D2PAK/I2PAK STripFETII MOSFET
11-Oct-2004
logo
VBsemi Electronics Co.,...
STB200NF04T4 VBSEMI-STB200NF04T4 Datasheet
1Mb / 9P
N-Channel 40 V (D-S) MOSFET
More results

Similar Description - STB200NF04L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
Feb-2002
STP55NF03L STMICROELECTRONICS-STP55NF03L Datasheet
338Kb / 8P
N-CHANNEL 30V - 0.01 ohm - 55A TO-220/D2PAK/I2PAK STripFET™II POWER MOSFET
February 2001
STP75NF75L STMICROELECTRONICS-STP75NF75L Datasheet
382Kb / 11P
N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Apr-2002
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Feb-2003
STP80NF55-08 STMICROELECTRONICS-STP80NF55-08 Datasheet
353Kb / 11P
N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Mar-2002
STP80NF75L STMICROELECTRONICS-STP80NF75L Datasheet
368Kb / 11P
N-CHANNEL 75V - 0.008 ohm - 80A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
Nov-2001
STB190NF04 STMICROELECTRONICS-STB190NF04 Datasheet
173Kb / 9P
N-CHANNEL 40V - 3.9 mW - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET
February 2004
STP200NF04 STMICROELECTRONICS-STP200NF04 Datasheet
404Kb / 15P
N-CHANNEL 40V - 120 A - 3.3 mOHM TO-220/D2PAK/I2PAK STripFETII MOSFET
11-Oct-2004
STP76NF75 STMICROELECTRONICS-STP76NF75 Datasheet
771Kb / 15P
N-channel 75 V, 0.0095, 80 A TO-220, D2PAK, I2PAK STripFET II Power MOSFET
14-Dec-2009
STB200N6F3 STMICROELECTRONICS-STB200N6F3 Datasheet
858Kb / 16P
N-channel 60 V, 3 m廓, 120 A D2PAK, TO-220, I2PAK STripFET??Power MOSFET
18-Nov-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com