Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB200NF04L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB200NF04L
Description  N-CHANNEL 40V - 3 m ohm - 120 A TO-220/D2PAK/I2PAK STripFET II MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB200NF04L Datasheet(HTML) 3 Page - STMicroelectronics

  STB200NF04L Datasheet HTML 1Page - STMicroelectronics STB200NF04L Datasheet HTML 2Page - STMicroelectronics STB200NF04L Datasheet HTML 3Page - STMicroelectronics STB200NF04L Datasheet HTML 4Page - STMicroelectronics STB200NF04L Datasheet HTML 5Page - STMicroelectronics STB200NF04L Datasheet HTML 6Page - STMicroelectronics STB200NF04L Datasheet HTML 7Page - STMicroelectronics STB200NF04L Datasheet HTML 8Page - STMicroelectronics STB200NF04L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
STP200NF04L - STB200NF04L - STB200NF04L-1
ELECTRICAL CHARACTERISTICS (CONTINUED)
Table 6: Dynamic
Table 7: Source Drain Diode
(1) Pulse width limited by safe operating area
(4). Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (4)
Forward Transconductance
VDS = 15 V, ID = 20 A
60
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
6400
1300
190
pF
pF
pF
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD = 20 V, ID = 50 A,
RG= 4.7 Ω VGS = 4.5 V
(see Figure 16)
37
270
90
80
ns
ns
ns
ns
tf(Voff)
tf
tc
Turn-off Delay Time
Fall Time
Cross-over Time
Vclamp = 32 V, ID = 100 A,
RG= 4.7 Ω VGS = 4.5 V
(see Figure 17)
85
125
160
ns
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 32 V, ID = 100 A,
VGS = 4.5 V
(see Figure 19)
72
20
28.5
90
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
100
A
ISDM (1)
Source-drain Current (pulsed)
400
A
VSD (4)
Forward On Voltage
ISD = 160 A, VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 100 A, di/dt = 100 A/µs,
VDD = 20 V, Tj = 150°C
(see Figure 16)
88
240
5.5
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com