Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB200NF04L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB200NF04L
Description  N-CHANNEL 40V - 3 m ohm - 120 A TO-220/D2PAK/I2PAK STripFET II MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB200NF04L Datasheet(HTML) 2 Page - STMicroelectronics

  STB200NF04L Datasheet HTML 1Page - STMicroelectronics STB200NF04L Datasheet HTML 2Page - STMicroelectronics STB200NF04L Datasheet HTML 3Page - STMicroelectronics STB200NF04L Datasheet HTML 4Page - STMicroelectronics STB200NF04L Datasheet HTML 5Page - STMicroelectronics STB200NF04L Datasheet HTML 6Page - STMicroelectronics STB200NF04L Datasheet HTML 7Page - STMicroelectronics STB200NF04L Datasheet HTML 8Page - STMicroelectronics STB200NF04L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
STP200NF04L - STB200NF04L - STB200NF04L-1
2/12
Table 3: Absolute Maximum ratings
(1)ISD ≤ 100 A, di/dt ≤ 240 A/µs, VDD ≤ 32 , Tj ≤ TJMAX
(2) Pulse width limited by safe operating area.
(3) Starting Tj = 25°C, IAR = 50A, VDD = 30V
(**) Current limited by Package
Table 4: Thermal Data
(*)When mounted on 1 inch² FR4 2oZ Cu
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 5: On/Off
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
40
V
VGDR
Drain-gate Voltage (RGS=20 KΩ)
40
V
VGS
Gate- source Voltage
± 16
V
ID (**)
Drain Current (continuous) at TC = 25°C
120
A
ID
Drain Current (continuous) at TC = 100°C
120
A
IDM (2)
Drain Current (pulsed)
480
A
PTOT
Total Dissipation at TC = 25°C
300
W
Derating Factor
2
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
3.6
V/ns
EAS (3)
Single Pulse Avalanche Energy
1.4
J
Tstg
Storage Temperature
-55 to 175
°C
Tj
Max. Operating Junction Temperature
TO-220/I²PAK
D²PAK
Unit
Rthj-case
Thermal Resistance Junction-case
Max
0.50
°C/W
Rthj-pcb (*)
Thermal Resistance Junction-pcb
Max
35
°C/W
Rthja
Thermal Resistance Junction-ambient
Max
62.5
--
Tl
Maximum Lead Temperature For Soldering Purpose
300
--
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
40
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS= Max Rating
VD = Max Rating, TC= 125 °C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 16V
±100
nA
VGS(th)
Gate Threshold Voltage VDS = VGS, ID = 250µA
1
4V
RDS(on)
Static Drain-source On
Resistance
VGS = 10 V, ID = 50 A
VGS = 5 V, ID = 50 A
TO-220
I²PAK
3.3
3.8
3.8
4.6
m
m
VGS = 10 V, ID = 50 A
VGS = 5 V, ID = 50 A
D²PAK
3.0
3.5
3.5
4.3
m
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com