Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP605BCPZ-R71 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP605BCPZ-R71
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP605BCPZ-R71 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP605BCPZ-R71 Datasheet HTML 1Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 2Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 3Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 4Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 5Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 6Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 7Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 8Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V,
Single-Supply LVDS Comparators
ADCMP604/ADCMP605
FEATURES
Fully specified rail to rail at VCC = 2.5 V to 5.5 V
Input common-mode voltage from −0.2 V to VCC + 0.2 V
Low glitch LVDS-compatible output stage
1.6 ns propagation delay
37 mW at 2.5 V
Shutdown pin
Single-pin control for programmable hysteresis and latch
Power supply rejection > 60 dB
−40°C to +125°C operation
APPLICATIONS
High speed instrumentation
Clock and data signal restoration
Logic level shifting or translation
Pulse spectroscopy
High speed line receivers
Threshold detection
Peak and zero-crossing detectors
High speed trigger circuitry
Pulse-width modulators
Current-/voltage-controlled oscillators
Automatic test equipment (ATE)
FUNCTIONAL BLOCK DIAGRAM
VP NONINVERTING
INPUT
VN INVERTING
INPUT
SDN INPUT
Q OUTPUT
VCCO
(ADCMP605 ONLY)
VCCI
Q OUTPUT
LE/HYS INPUT
(ADCMP605
ONLY)
ADCMP604/
ADCMP605
LVDS
Figure 1.
GENERAL DESCRIPTION
The ADCMP604 and ADCMP605 are very fast comparators
fabricated on Analog Devices, Inc.’s, proprietary XFCB2
process. This family of comparators is exceptionally versatile
and easy to use. Features include an input range from VEE − 0.5
V to VCC + 0.
2 V, low noise, LVDS-compatible output drivers,
and TTL/CMOS latch inputs with adjustable hysteresis and/or
shutdown inputs.
The devices offer 1.5 ns propagation delays with 1 ps rms
random jitter (RJ). Overdrive and slew rate dispersion are
typically less than 50 ps.
A flexible power supply scheme allows the devices to operate
with a single +2.5 V positive supply and a −0.5 V to +3.0 V
input signal range up to a +5.5 V positive supply with a −0.5 V
to +6 V input signal range. Split input/output supplies, with no
sequencing restrictions on the ADCMP605, support a wide
input signal range with greatly reduced power consumption.
The LVDS-compatible output stage is designed to drive any
standard LVDS input. The comparator input stage offers robust
protection against large input overdrive, and the outputs do not
phase reverse when the valid input signal range is exceeded.
High speed latch and programmable hysteresis features are also
provided in a unique single-pin control option.
The ADCMP604 is available in a 6-lead SC70 package. The
ADCMP605 is available in a 12-lead LFCSP.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADCMP605BCPZ-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP605BCPZ-R7 AD-ADCMP605BCPZ-R7 Datasheet
392Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
REV. A
More results

Similar Description - ADCMP605BCPZ-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP600 AD-ADCMP600 Datasheet
322Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
10/06-Revision 0
ADCMP606 AD-ADCMP606 Datasheet
301Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
Mar-2006
ADCMP606_0610 AD-ADCMP606_0610 Datasheet
348Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. 0
ADCMP606 AD-ADCMP606_07 Datasheet
372Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. A
ADCMP604 AD-ADCMP604_07 Datasheet
392Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
REV. A
AD8465 AD-AD8465 Datasheet
322Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparator
REV. 0
ADCMP600 AD-ADCMP600_15 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V,
REV. A
ADCMP603 AD-ADCMP603_15 Datasheet
364Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. 0
ADCMP605 AD-ADCMP605_15 Datasheet
301Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP607 AD-ADCMP607_15 Datasheet
371Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com