Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP605BCPZ-R71 Datasheet(PDF) 12 Page - Analog Devices

Part # ADCMP605BCPZ-R71
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP605BCPZ-R71 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADCMP605BCPZ-R71 Datasheet HTML 8Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 9Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 10Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 11Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 12Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 13Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 14Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 15Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADCMP604/ADCMP605
Rev. 0 | Page 12 of 16
0
50
100
150
200
250
50
100
150
200
250
300
350
400
450
500
HYSTERESIS RESISTOR (kΩ)
VCC = 2.5V
VCC = 5.5V
Figure 20. Hysteresis vs. RHYS Control Resistor
CROSSOVER BIAS POINTS
Rail-to-rail inputs of this type, in both op amps and
comparators, have a dual front-end design. Certain devices are
active near the VCC rail and others are active near the VEE rail. At
some predetermined point in the common-mode range, a
crossover occurs. At this point, normally VCC/2, the direction of
the bias current reverses and there are changes in measured offset
voltages and currents.
MINIMUM INPUT SLEW RATE REQUIREMENT
With the rated load capacitance and normal good PC Board
design practice, as discussed in the Optimizing Performance
section, these comparators should be stable at any input slew
rate with no hysteresis. Broadband noise from the input stage is
observed in place of the violent chattering seen with most other
high speed comparators. With additional capacitive loading or
poor bypassing, oscillation is observed. This oscillation is due to
the high gain bandwidth of the comparator in combination with
feedback parasitics in the package and PC board. In many
applications, chattering is not harmful.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com