Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP605BCPZ-R71 Datasheet(PDF) 11 Page - Analog Devices

Part # ADCMP605BCPZ-R71
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP605BCPZ-R71 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCMP605BCPZ-R71 Datasheet HTML 7Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 8Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 9Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 10Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 11Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 12Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 13Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 14Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADCMP604/ADCMP605
Rev. 0 | Page 11 of 16
The ADCMP604 and ADCMP605 dispersion is typically < 1.6 ns
as the overdrive varies from 10 mV to 125 mV. This specification
applies to both positive and negative signals because each the
ADCMP604 and ADCMP605 have substantially equal delays for
positive-going and negative-going inputs and very low output
skews.
Q/Q OUTPUT
INPUT VOLTAGE
500mV OVERDRIVE
10mV OVERDRIVE
DISPERSION
VN ± VOS
Figure 17. Propagation Delay—Overdrive Dispersion
Q/Q OUTPUT
INPUT VOLTAGE
10V/ns
1V/ns
DISPERSION
VN ± VOS
Figure 18. Propagation Delay—Slew Rate Dispersion
COMPARATOR HYSTERESIS
The addition of hysteresis to a comparator is often desirable in a
noisy environment, or when the differential input amplitudes
are relatively small or slow moving. The transfer function for a
comparator with Hysteresis is shown in Figure 19. As the input
voltage approaches the threshold (0.0 V, in this example) from
below the threshold region in a positive direction, the
comparator switches from low to high when the input crosses
+VH/2. The new switching threshold becomes −VH/2. The
comparator remains in the high state until the threshold, −VH/2,
is crossed from below the threshold region in a negative direction.
In this manner, noise or feedback output signals centered on
0.0 V input cannot cause the comparator to switch states unless it
exceeds the region bounded by ±VH/2.
OUTPUT
INPUT
0
VOL
VOH
+VH
2
–VH
2
Figure 19. Comparator Hysteresis Transfer Function
The customary technique for introducing hysteresis into a
comparator uses positive feedback from the output back to the
input. One limitation of this approach is that the amount of
hysteresis varies with the output logic levels, resulting in
hysteresis that is not symmetric about the threshold. The
external feedback network can also introduce significant
parasitics that reduce high speed performance and induce
oscillation in some cases.
The ADCMP605 comparator offers a programmable hysteresis
feature that significantly improves accuracy and stability.
Connecting an external pull-down resistor or a current source
from the LE/HYS pin to GND, varies the amount of hysteresis
in a predictable and stable manner. Leaving the LE/HYS pin
disconnected or driving it high removes hysteresis. The
maximum hysteresis that can be applied using this pin is
approximately 160 mV. Figure 20 illustrates the amount of
hysteresis applied as a function of external resistor value.
Figure 11 illustrates hysteresis as a function of current.
The hysteresis control pin appears as a 1.25 V bias voltage seen
through a series resistance of 7 kΩ ± 20% throughout the
hysteresis control range. The advantages of applying hysteresis
in this manner are improved accuracy, improved stability,
reduced component count, and maximum versatility. An
external bypass capacitor is not recommended on the HYS pin
because it would likely degrade the jitter performance of the
device and impair the latch function. As described in the
Using/Disabling the Latch Feature section, hysteresis control
need not compromise the latch function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com