Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP608 Datasheet(PDF) 4 Page - Analog Devices

Part # ADCMP608
Description  Rail-to-Rail, Fast, Low Power, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP608 Datasheet(HTML) 4 Page - Analog Devices

  ADCMP608 Datasheet HTML 1Page - Analog Devices ADCMP608 Datasheet HTML 2Page - Analog Devices ADCMP608 Datasheet HTML 3Page - Analog Devices ADCMP608 Datasheet HTML 4Page - Analog Devices ADCMP608 Datasheet HTML 5Page - Analog Devices ADCMP608 Datasheet HTML 6Page - Analog Devices ADCMP608 Datasheet HTML 7Page - Analog Devices ADCMP608 Datasheet HTML 8Page - Analog Devices ADCMP608 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADCMP608/ADCMP609
Preliminary Technical Data
Rev. PrA | Page 4 of 16
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
AC PERFORMANCE
VCCI = VCCO = 2.5 V to 5.5 V
Propagation Delay, CL = 15 pF
tPD
VCCO = 5.5 V to 2.5 V,
VOD = 10 mV
30
ns
VCCO = 2.5 V/5.5 V,
VOD = 200 mV
25/30
ns
Propagation Delay Skew—Rising to
Falling Transition
VOD = 10 mV
2
ns
Overdrive Dispersion
10 mV < VOD < 500 mV
4
ns
Slew Rate Dispersion
Small Signal
10 V/μs to 0.1 V/ns
200 mV p-p single ended
1
ns
10% − 90% Duty Cycle Dispersion
VOD 1.25 V, 50 V/μs,
VCM = 1.25 V
1
ns
Common-Mode Dispersion
VCM = 0 V to VCC
200 m p-p single ended
0.5
ns
Toggle Rate
>50% output swing
CL = 15 pF VCCI = 5 V
TBD
Mbps
RMS Random Jitter
RJ
VOD = 200 mV, 5 V/ns
TBD
ns
Minimum Pulse Width
PWMIN
ΔtPD/ΔPW < 500 ps
35
ns
Rise Time
tR
10% to 90% CLOAD = 15 pF,
VCCI = 2.5 V to 5 V
25 to 40
ns
Fall Time
tF
10% to 90% CLOAD = 15 pF,
VCCI = 2.5 V to 5 V
25 to 40
ns
POWER SUPPLY
Input Supply Voltage Range
VCCI
2.5
5.5
V
Output Supply Voltage Range
VCCO
2.5
5.5
V
Positive Supply Differential
(ADCMP609)
VCCI − VCCO
Operating
−3
+3
V
Positive Supply Differential
(ADCMP609)
VCCI − VCCO
Nonoperating
−5.5
+5.5
V
Positive Supply Current
IVCC
VCC = 2.5 V
400
μA
Positive Supply Current
IVCC
VCC = 5.5 V
500
μA
Input Section Supply Current
(ADCMP609)
IVCCi
VCCI = 2.5 V
270
mA
Output Stage Supply Current
(ADCMP609)
IVCCO
VCCO= 2.5 V
130
mA
Power Dissipation
PD
VCC = 2.5 V
1
mW
Shutdown Current
ISD
VCC =2.5 V to 5.5 V
50
μA
Power Supply Rejection
PSRR
VCCI = 2.5 V to 5 V
>50 dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com