Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP608 Datasheet(PDF) 12 Page - Analog Devices

Part # ADCMP608
Description  Rail-to-Rail, Fast, Low Power, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP608 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADCMP608 Datasheet HTML 8Page - Analog Devices ADCMP608 Datasheet HTML 9Page - Analog Devices ADCMP608 Datasheet HTML 10Page - Analog Devices ADCMP608 Datasheet HTML 11Page - Analog Devices ADCMP608 Datasheet HTML 12Page - Analog Devices ADCMP608 Datasheet HTML 13Page - Analog Devices ADCMP608 Datasheet HTML 14Page - Analog Devices ADCMP608 Datasheet HTML 15Page - Analog Devices ADCMP608 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADCMP608/ADCMP609
Preliminary Technical Data
Rev. PrA | Page 12 of 16
TYPICAL APPLICATION CIRCUITS
CMOS
PWM
OUTPUT
ADCMP608
2.5V
INPUT
1.25V
REF
INPUT
1.25V
±50mV
LE/HYS
ADCMP609
220pF
10kΩ
10kΩ
100kΩ
10kΩ
ADCMP608
OUTPUT
0.1µF
2.5V TO 5V
0.1µF
2kΩ
2kΩ
INPUT
Figure 18. Self-Biased 50% Slicer
Figure 21. Oscillator and Pulse Width Modulator
ADCMP609
OUTPUT
+
–
5V
0.1µF
10kΩ
10kΩ
INPUT
VREF
0.02µF
LE/HYS
ADCMP608
CMOS
VDD
2.5V TO 5V
100Ω
LVDS
OUTPUT
Figure 19. LVDS to CMOS Receiver
Figure 22. Duty Cycle to Differential Voltage
LE/HYS
ADCMP609
5V
150kΩ
150kΩ
CONTROL
VOLTAGE
0V TO 2.5V
OUTPUT
39kΩ
39kΩ
470pF
20kΩ
ADCMP609
2.5V TO 5V
10kΩ
LE/HYS
DIGITAL
INPUT
HYSTERESIS
CURRENT
74AHC
1G07
Figure 23. DAC Hysteresis Adjustment with Latch
Figure 20. Voltage Controlled Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com