Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP608 Datasheet(PDF) 13 Page - Analog Devices

Part # ADCMP608
Description  Rail-to-Rail, Fast, Low Power, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP608 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADCMP608 Datasheet HTML 8Page - Analog Devices ADCMP608 Datasheet HTML 9Page - Analog Devices ADCMP608 Datasheet HTML 10Page - Analog Devices ADCMP608 Datasheet HTML 11Page - Analog Devices ADCMP608 Datasheet HTML 12Page - Analog Devices ADCMP608 Datasheet HTML 13Page - Analog Devices ADCMP608 Datasheet HTML 14Page - Analog Devices ADCMP608 Datasheet HTML 15Page - Analog Devices ADCMP608 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Preliminary Technical Data
ADCMP608/ADCMP609
Rev. PrA | Page 13 of 16
TIMING INFORMATION
Figure 24 illustrates the ADCMP608/ADCMP609 latch timing relationships. Table 6 provides definitions of the terms found in the figure.
1.1V
50%
VN ± VOS
50%
DIFFERENTIAL
INPUT VOLTAGE
LATCH ENABLE
Q OUTPUT
Q OUTPUT
tH
tPDL
tPLOH
tF
VIN
VOD
tS
tPL
tPDH
tPLOL
tR
Figure 24. System Timing Diagram
Table 6. Timing Descriptions
Symbol
Timing
Description
tPDH
Input to output high
delay
Propagation delay measured from the time the input signal crosses the reference (± the input offset
voltage) to the 50% point of an output low-to-high transition.
tPDL
Input to output low
delay
Propagation delay measured from the time the input signal crosses the reference (± the input offset
voltage) to the 50% point of an output high-to-low transition.
tPLOH
Latch enable to output
high delay
Propagation delay measured from the 50% point of the latch enable signal low-to-high transition to
the 50% point of an output low-to-high transition.
tPLOL
Latch enable to output
low delay
Propagation delay measured from the 50% point of the latch enable signal low-to-high transition to
the 50% point of an output high-to-low transition.
tH
Minimum hold time
Minimum time after the negative transition of the latch enable signal that the input signal must
remain unchanged to be acquired and held at the outputs.
tPL
Minimum latch enable
pulse width
Minimum time that the latch enable signal must be high to acquire an input signal change.
tS
Minimum setup time
Minimum time before the negative transition of the latch enable signal occurs that an input signal
change must be present to be acquired and held at the outputs.
tR
Output rise time
Amount of time required to transition from a low to a high output as measured at the 20% and 80%
points.
tF
Output fall time
Amount of time required to transition from a high to a low output as measured at the 20% and 80%
points.
VOD
Voltage overdrive
Difference between the input voltages VA and VB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com