Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACMP609 Datasheet(PDF) 10 Page - Analog Devices

Part # ACMP609
Description  Rail-to-Rail, Fast, Low Power, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ACMP609 Datasheet(HTML) 10 Page - Analog Devices

Back Button ACMP609 Datasheet HTML 6Page - Analog Devices ACMP609 Datasheet HTML 7Page - Analog Devices ACMP609 Datasheet HTML 8Page - Analog Devices ACMP609 Datasheet HTML 9Page - Analog Devices ACMP609 Datasheet HTML 10Page - Analog Devices ACMP609 Datasheet HTML 11Page - Analog Devices ACMP609 Datasheet HTML 12Page - Analog Devices ACMP609 Datasheet HTML 13Page - Analog Devices ACMP609 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADCMP608/ADCMP609
Preliminary Technical Data
Rev. PrA | Page 10 of 16
COMPARATOR PROPAGATION
DELAY DISPERSION
COMPARATOR HYSTERESIS
The addition of hysteresis to a comparator is often desirable in a
noisy environment, or when the differential input amplitudes
are relatively small or slow moving. The transfer function for a
comparator with hysteresis is shown in
The ADCMP608 and ADCMP609 comparator is designed to
reduce propagation delay dispersion over a wide input overdrive
range of 5 mV to VCCI − 1 V. Propagation delay dispersion is the
variation in propagation delay that results from a change in the
degree of overdrive or slew rate (how far or how fast the input
signal exceeds the switching threshold).
Figure 16. As the input
voltage approaches the threshold (0.0 V, in this example) from
below the threshold region in a positive direction, the
comparator switches from a low to a high when the input crosses
+VH/2. The new switching threshold becomes −VH/2. The
comparator remains in the high state until the threshold −VH/2
is crossed from below the threshold region in a negative
direction. In this manner, noise or feedback output signals
centered on 0.0 V input cannot cause the comparator to switch
states unless it exceeds the region bounded by ±VH/2.
Propagation delay dispersion is a specification that becomes
important in high speed, time-critical applications, such as data
communication, automatic test and measurement, and instru-
mentation. It is also important in event-driven applications,
such as pulse spectroscopy, nuclear instrumentation, and
medical imaging. Dispersion is defined as the variation in
propagation delay as the input overdrive conditions are changed
(see
OUTPUT
INPUT
0
VOL
VOH
+VH
2
–VH
2
Figure 14 and Figure 15).
ADCMP608 and ADCMP609 dispersion is typically <5 ns as
the overdrive varies from 5 mV to 500 mV, and the input slew
rate varies from 2 V/ns to 10 V/ns. This specification applies to
both positive and negative signals because the device has very
closely matched delays for both positive-going and negative-
going inputs, and very low output skews. Remember to add the
actual device offset to the overdrive for repeatable dispersion
measurements.
Q/Q OUTPUT
INPUT VOLTAGE
500mV OVERDRIVE
10mV OVERDRIVE
DISPERSION
VN ± VOS
Figure 16. Comparator Hysteresis Transfer Function
The customary technique for introducing hysteresis into a
comparator uses positive feedback from the output back to the
input. One limitation of this approach is that the amount of
hysteresis varies with the output logic levels, resulting in
hysteresis that is not symmetric about the threshold. The
external feedback network can also introduce significant
parasitics that reduce high speed performance, and can even
induce oscillation in some cases.
Figure 14. Propagation Delay—Overdrive Dispersion
The ADCMP609 comparator offers a programmable hysteresis
feature that significantly improves accuracy and stability.
Connecting an external pull-down resistor or a current source
from the LE/HYS pin to GND, varies the amount of hysteresis
in a predictable and stable manner. Leaving the LE/HYS pin
disconnected or driving it high removes the hysteresis. The
maximum hysteresis that can be applied using this pin is
approximately 160 mV.
Q/Q OUTPUT
INPUT VOLTAGE
10V/ns
1V/ns
DISPERSION
VN ± VOS
Figure 17 illustrates the amount of
hysteresis applied as a function of external resistor value.
Figure TBD illustrates hysteresis as a function of current.
Figure 15. Propagation Delay—Slew Rate Dispersion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com