Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACMP609 Datasheet(PDF) 1 Page - Analog Devices

Part # ACMP609
Description  Rail-to-Rail, Fast, Low Power, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ACMP609 Datasheet(HTML) 1 Page - Analog Devices

  ACMP609 Datasheet HTML 1Page - Analog Devices ACMP609 Datasheet HTML 2Page - Analog Devices ACMP609 Datasheet HTML 3Page - Analog Devices ACMP609 Datasheet HTML 4Page - Analog Devices ACMP609 Datasheet HTML 5Page - Analog Devices ACMP609 Datasheet HTML 6Page - Analog Devices ACMP609 Datasheet HTML 7Page - Analog Devices ACMP609 Datasheet HTML 8Page - Analog Devices ACMP609 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rail-to-Rail, Fast, Low Power, 2.5 V to 5.5 V,
Single-Supply TTL/CMOS Comparators
Preliminary Technical Data
ADCMP608/ACMP609
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FUNCTIONAL BLOCK DIAGRAMS
FEATURES
NONINVERTING
INPUT
INVERTING
INPUT
Q OUTPUT
Q OUTPUT
ADCMP609
+
–
SDN
LE/HYS
ADCMP608
NONINVERTING
INPUT
INVERTING
INPUT
Q OUTPUT
+
–
SDN
10 mV sensitivity rail to rail at VCC = 2.5 V
Input common-mode voltage from −0.2 V to VCC + 0.2 V
Low glitch CMOS-/TTL-compatible output stage
30 ns propagation delay
1 mW at 2.5 V
Shutdown pin
Single-pin control for programmable hysteresis and latch
Power supply rejection >60 dB
−40C° to +125C° operation
APPLICATIONS
High speed instrumentation
Clock and data signal restoration
Logic level shifting or translation
High speed line receivers
Threshold detection
Peak and zero-crossing detectors
Figure 1.
High speed trigger circuitry
Pulse-width modulators
Current-/voltage-controlled oscillators
GENERAL DESCRIPTION
The ADCMP608 and ADCMP609 are fast comparators
fabricated on Analog Devices’ proprietary XFCB2 process.
These comparators are exceptionally versatile and easy to use.
Features include an input range from VEE − 0.5 V to VCC + 0.5 V,
low noise, TTL-/CMOS-compatible output drivers, and latch
inputs with adjustable hysteresis and/or shutdown inputs.
The TTL-/CMOS-compatible output stage is designed to drive
up to 15 pF with full rated timing specs and to degrade in a
graceful and linear fashion as additional capacitance is added.
The comparator input stage offers robust protection against
large input overdrive, and the outputs do not phase reverse
when the valid input signal range is exceeded. High speed latch
and programmable hysteresis features are also provided in a
unique single-pin control option.
The devices offer 30 ns propagation delays driving a 15 pF load
with 5 mV overdrive on 350/400 μA typical supply current. A
flexible power supply scheme allows the devices to operate with
a single +2.5 V positive supply and a −0.5 V to +3.0 V input
signal range up to a +5.5 V positive supply with a −0.5 V to +6V
input signal range. Split input/output supplies, with no
sequencing restrictions on the ADCMP609, support a wide
input signal range while allowing independent output swing
control.
The ADCMP608 is available in a tiny 6-lead SC70 package with
single-ended output and a shutdown pin.
The ADCMP609, available in an 8-lead MSOP package, features
a shutdown pin, single pin latch, and hysteresis control.
+


Similar Part No. - ACMP609

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
ACMP SENSATA-ACMP Datasheet
181Kb / 4P
Single–Phase and Three–Phase Aircraft Motor Protectors
Rev:10/05/18
logo
Abracon Corporation
ACMP-1264 ABRACON-ACMP-1264 Datasheet
763Kb / 6P
Power Common Mode Chokes
06-29-22
ACMP-1264-102 ABRACON-ACMP-1264-102 Datasheet
763Kb / 6P
Power Common Mode Chokes
06-29-22
ACMP-1264-132 ABRACON-ACMP-1264-132 Datasheet
763Kb / 6P
Power Common Mode Chokes
06-29-22
ACMP-1264-231 ABRACON-ACMP-1264-231 Datasheet
763Kb / 6P
Power Common Mode Chokes
06-29-22
More results

Similar Description - ACMP609

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP600 AD-ADCMP600 Datasheet
322Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
10/06-Revision 0
ADCMP603 AD-ADCMP603 Datasheet
309Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
10/06-Revision 0
ADCMP604 AD-ADCMP604 Datasheet
362Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
10/06-Revision 0
ADCMP606 AD-ADCMP606 Datasheet
301Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
Mar-2006
ADCMP608 AD-ADCMP608_07 Datasheet
258Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
4/07-Revision 0
ADCMP609 AD-ADCMP609 Datasheet
289Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
7/07-Revision 0
ADCMP606 AD-ADCMP606_07 Datasheet
372Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. A
AD8468 AD-AD8468 Datasheet
233Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP608BKSZ-REEL7 AD-ADCMP608BKSZ-REEL7 Datasheet
259Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
AD8468WBKSZ AD-AD8468WBKSZ Datasheet
233Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com