Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACMP609 Datasheet(PDF) 11 Page - Analog Devices

Part # ACMP609
Description  Rail-to-Rail, Fast, Low Power, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ACMP609 Datasheet(HTML) 11 Page - Analog Devices

Back Button ACMP609 Datasheet HTML 7Page - Analog Devices ACMP609 Datasheet HTML 8Page - Analog Devices ACMP609 Datasheet HTML 9Page - Analog Devices ACMP609 Datasheet HTML 10Page - Analog Devices ACMP609 Datasheet HTML 11Page - Analog Devices ACMP609 Datasheet HTML 12Page - Analog Devices ACMP609 Datasheet HTML 13Page - Analog Devices ACMP609 Datasheet HTML 14Page - Analog Devices ACMP609 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary Technical Data
ADCMP608/ADCMP609
Rev. PrA | Page 11 of 16
The hysteresis control pin appears as a 1.25 V bias voltage seen
through a series resistance of 7k ± 20% throughout the
hysterisis control range. The advantages of applying hysteresis
in this manner are improved accuracy, improved stability,
reduced component count, and maximum versatility. An
external bypass capacitor is not recommended on the HYS pin
because it would likely degrade the jitter performance of the
device and impair the latch function. As described in
CROSSOVER BIAS POINT
Rail-to-rail inputs of this type, in both op amps and compara-
tors have a dual front-end design. Certain devices are active
near the VCC rail and others are active near the VEE rail. At some
predetermined point in the common-mode range, a crossover
occurs. At this point, normally VCC/2, the direction of the bias
current reverses and there are changes in measured offset
voltages and currents.
Using/Disabling the Latch Feature, hysteresis control need not
compromise the latch function.
With VCC less than 4 V, this crossover is at the expected VCC/2,
but with VCC greater than 4 V, the crossover point instead
follows VCC 1:1, bringing it to approximately 3 V with VCC at
5 V. This means that the comparator input characteristics will
more closely resemble the inputs of non rail-to rail ground
sensing comparators such as the AD8611.
MINIMUM INPUT SLEW RATE REQUIREMENT
(Remove if device is stable.)
As with most high speed comparators, without hysteresis a
minimum slew rate must be met to ensure that the device does
not oscillate as the input signal crosses the threshold. This
oscillation is due to the high gain bandwidth of the comparator
in combination with feedback parasitics inherent in the package
and PC board. A minimum slew rate of TBD. V/μs ensures
clean output transitions from the ADCMP608/ADCMP609
comparators without hysteresis. In many applications,
chattering is not harmful.
Figure 17. Hysteresis vs. RHYS Control Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com