Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7169F16 Datasheet(PDF) 125 Page - Analog Devices

Part # ADE7169F16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169F16 Datasheet(HTML) 125 Page - Analog Devices

Back Button ADE7169F16 Datasheet HTML 121Page - Analog Devices ADE7169F16 Datasheet HTML 122Page - Analog Devices ADE7169F16 Datasheet HTML 123Page - Analog Devices ADE7169F16 Datasheet HTML 124Page - Analog Devices ADE7169F16 Datasheet HTML 125Page - Analog Devices ADE7169F16 Datasheet HTML 126Page - Analog Devices ADE7169F16 Datasheet HTML 127Page - Analog Devices ADE7169F16 Datasheet HTML 128Page - Analog Devices ADE7169F16 Datasheet HTML 129Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 140 page
background image
Preliminary Technical Data
ADE7169F16
Rev. PrD | Page 125 of 140
0
The MSB of the SPI outputs is transmitted first
1
The LSB of the SPI outputs is transmitted first
Transfer and interrupt mode of the SPI interface.
0
Transfer is initiated when data is read from SPIRx SFR and an interrupt is
generated when there is new data in the SPIRx SFR.
0
TIMODE
0
1
Transfer is initiated when data is written to the SPITx SFR and an
interrupt is generated when the SPITx SFR is empty.
Table 126. SPI Interrupt Status Register SFR (SPISTAT, 0xEA)
Bit
Location
Interrupt Flag
Default
Value
Description
SPI Peripheral Busy Flag
0
The SPI peripheral is idle
7
BUSY
0
1
The SPI peripheral is busy transferring data in slave or master mode.
SPI Multi-Master Error Flag
0
A multiple master error has not occurred.
6
MMERR
0
1
If the SS_EN bit is set, enabling the Slave Select input and the SS is asserted
while the SPI peripheral is transferring data as a master, then this flag is raised
to indicate the error.
SPI Receive Overflow Error Flag.
Reading the SPIRx SFR will clear this bit.
SPIR
xOF
TIMODE
0
X
The SPIRX register contains valid data
5
SPIRxOF
0
1
1
This bit is set if the SPIRX register is not read before the end of the
next byte transfer. If the RxOF_EN bit is set and this condition
occurs, SPIRX will be overwritten.
SPI Receive Mode Interrupt Flag.
Reading the SPIRx SFR will clear this bit.
SPIRxI
RQ
TIMODE
0
X
The SPIRX register does not contain new data.
1
0
This bit is set when the SPIRX register contains new data. If the
SPI/I2C interrupt is enabled, an interrupt will be generated when
this bit is set. If the SPIRX register isn’t read before the end of the
current byte transfer, the transfer will stop and the SS will be
deasserted.
4
SPIRxIRQ
0
1
1
The SPIRX register contains new data.
3
SPIRxBF
0
Status bit for SPI Rx buffer. When set the Rx FIFO is full. A read of the SPIRx will clear this
flag
2
SPITxUF
0
Status bit for SPI Tx buffer. When set the Tx FIFO is underflowing and data can be write
into SPITx. A read of the SPISTAT SFR or a write to the SPITx SFR will clear this flag.
SPI Transmit Mode Interrupt Flag.
Writing new data to the SPITx SFR will clear this bit.
SPITxIRQ
TIMODE
0
X
The SPITX register is full.
1
0
The SPITX register is empty.
1
SPITxIRQ
0
1
1
This bit is set when the SPITX register is empty. If the SPI/I2C
interrupt is enabled, an interrupt will be generated when
this bit is set. If new data isn’t written into the SPITX SFR
before the end of the current byte transfer, the transfer will
stop and the SS will be deasserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com