Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7169F16 Datasheet(PDF) 127 Page - Analog Devices

Part # ADE7169F16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169F16 Datasheet(HTML) 127 Page - Analog Devices

Back Button ADE7169F16 Datasheet HTML 123Page - Analog Devices ADE7169F16 Datasheet HTML 124Page - Analog Devices ADE7169F16 Datasheet HTML 125Page - Analog Devices ADE7169F16 Datasheet HTML 126Page - Analog Devices ADE7169F16 Datasheet HTML 127Page - Analog Devices ADE7169F16 Datasheet HTML 128Page - Analog Devices ADE7169F16 Datasheet HTML 129Page - Analog Devices ADE7169F16 Datasheet HTML 130Page - Analog Devices ADE7169F16 Datasheet HTML 131Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 140 page
background image
Preliminary Technical Data
ADE7169F16
Rev. PrD | Page 127 of 140
Step 1: Write to SPITx SFR
Step 2: SS is asserted low and write routine is initiated
Step 3: Wait for SPITxIRQ Interrupt flag to write to SPITx SFR. Transfer will continue
until the SPITX register and transmit shift registers are empty.
Step 4: SPITxIRQ Interrupt Flag is set when SFRTx register is empty
Step 5: SS is deasserted high
Continuous
1
1
Step 6: Write to SPITx SFR to clear SPITxIRQ Interrupt flag
Figure 82
shows the SPI output for certain automatic chip select
and continuous mode selections. Note that if the continuous
mode is not used, a short delay is inserted between transfers.
SCLK
SS
DOUT
DIN
DIN1
DIN2
AUTO_SS=1
SPICONT=0
SCLK
SS
DOUT
DIN
DIN1
AUTO_SS=1
SPICONT=1
DIN2
AUTO_SS=0
SPICONT=0
(manual SS control)
DOUT1
DOUT2
DOUT1
DOUT2
SCLK
SS
DOUT
DIN
DIN1
DIN2
DOUT1
DOUTz2
Figure 82: Automatic Chip Select and Continuous Mode Output
SPI INTERRUPT AND STATUS FLAGS
The SPI interface has several status flags that indicate the status
of the double buffered receive and transmit registers. Figure 83
shows when the status and interrupt flags are raised. The
transmit interrupt occurs when the transmit shift register is
loaded with the data in the SPI/I2C Transmit Buffer SFR
(SPI2CTx, 0x9A) register. If the SPI master is in transmit
operating mode and the SPI/I2C Transmit Buffer SFR
(SPI2CTx, 0x9A) register has not been written with new data by
the beginning of the next byte transfer, the transmit operation
stops.
When a new byte of data is received in the SPI Receive Buffer
SFR (SPI2CRx, 0x9B) register, the SPI receive interrupt flag is
raised. If the data in the SPI Receive Buffer SFR (SPI2CRx,
0x9B) register is not read before new data is ready to be loaded
into the SPI Receive Buffer SFR (SPI2CRx, 0x9B), an overflow
condition has occurred. This overflow condition, indicated by
the SPIRxOF flag, will force the new data to be discarded or
overwritten if the RxOF_EN bit is set.
SPITX
TRANSMIT SHIFT REGISTER
SPITxIRQ=1
SPITX (empty)
TRANSMIT SHIFT REGISTER
Stops Transfer if TIMODE=1
SPIRX
RECEIVE SHIFT REGISTER
SPIRxIRQ=1
SPIRX (full)
RECEIVE SHIFT REGISTER
SPIRxOF=1
Figure 83: SPI Receive and Transmit Interrupt and Status Flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com