Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG701LBRMZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADG701LBRMZ
Description  CMOS Low Voltage 2 OHM SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG701LBRMZ Datasheet(HTML) 4 Page - Analog Devices

  ADG701LBRMZ Datasheet HTML 1Page - Analog Devices ADG701LBRMZ Datasheet HTML 2Page - Analog Devices ADG701LBRMZ Datasheet HTML 3Page - Analog Devices ADG701LBRMZ Datasheet HTML 4Page - Analog Devices ADG701LBRMZ Datasheet HTML 5Page - Analog Devices ADG701LBRMZ Datasheet HTML 6Page - Analog Devices ADG701LBRMZ Datasheet HTML 7Page - Analog Devices ADG701LBRMZ Datasheet HTML 8Page - Analog Devices ADG701LBRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADG701L/ADG702L
Rev. 0 | Page 4 of 12
VDD = 3 V ± 10%, GND = 0 V. Temperature range for the B version is −40°C to +85°C, unless otherwise noted.
Table 2.
B Version
Parameter
+25°C
−40°C to
+85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
3.5
Ω typ
VS = 0 V to VDD, IS =
−10 mA; see Figure 12
5
6
Ω max
On Resistance Flatness (RFLAT(ON))
1.5
Ω typ
VS = 0 V to VDD, IS =
−10 mA
LEAKAGE CURRENTS
VDD = 3.3 V
Source Off Leakage IS (OFF)
±0.01
nA typ
VS = 3 V/1 V, VD = 1 V/3 V; see Figure 13
±0.25
±0.35
nA max
Drain Off Leakage ID (OFF)
±0.01
nA typ
VS = 3 V/1 V, VD = 1 V/3 V; see Figure 13
±0.25
±0.35
nA max
Channel On Leakage ID, IS (ON)
±0.01
nA typ
VS = VD = 1 V, or 3 V; see Figure 14
±0.25
±0.35
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.4
V max
Input Current
IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
DYNAMIC CHARACTERISTICS1
tON
14
ns typ
RL = 300
Ω, CL = 35 pF
20
ns max
VS = 2 V, see Figure 15
tOFF
8
ns typ
RL = 300
Ω, CL = 35 pF
13
ns max
VS = 2 V, see Figure 15
Charge Injection
4
pC typ
VS = 1.5 V, RS = 0
Ω, CL = 1 nF; see Figure 16
Off Isolation
−55
dB typ
RL = 50
Ω, CL = 5 pF, f = 10 MHz
−75
dB typ
RL = 50
Ω, CL = 5 pF, f = 1 MHz; see Figure 17
Bandwidth
−3 dB
200
MHz typ
RL = 50
Ω, CL = 5 pF; see Figure 18
CS (OFF)
17
pF typ
CD (OFF)
17
pF typ
CD, CS (ON)
38
pF typ
POWER REQUIREMENTS
VDD = 3.3 V
IDD
0.001
μA typ
Digital Inputs = 0 V or 3 V
1.0
μA max
1 Guaranteed by design, not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com