Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG701LBRMZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADG701LBRMZ
Description  CMOS Low Voltage 2 OHM SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG701LBRMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG701LBRMZ Datasheet HTML 4Page - Analog Devices ADG701LBRMZ Datasheet HTML 5Page - Analog Devices ADG701LBRMZ Datasheet HTML 6Page - Analog Devices ADG701LBRMZ Datasheet HTML 7Page - Analog Devices ADG701LBRMZ Datasheet HTML 8Page - Analog Devices ADG701LBRMZ Datasheet HTML 9Page - Analog Devices ADG701LBRMZ Datasheet HTML 10Page - Analog Devices ADG701LBRMZ Datasheet HTML 11Page - Analog Devices ADG701LBRMZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADG701L/ADG702L
Rev. 0 | Page 8 of 12
TEST CIRCUITS
SD
VS
RON = V1/IDS
IDS
V1
SD
VS
VD
IS (OFF)
ID (OFF)
A
A
SD
VS
VD
ID (ON)
A
Figure 12. On Resistance
Figure 13. Off Leakage
Figure 14. On Leakage
0.1
μF
IN
SD
VDD
RL
300
Ω
CL
35pF
VOUT
VOUT
tON
tOFF
VIN
VIN
VDD
GND
ADG701L
ADG702L
50%
50%
90%
90%
50%
50%
VS
Figure 15. Switching Times
VIN
VIN
VOUT
ON
OFF
ΔV
OUT
IN
GND
VDD
VDD
CL
1nF
VOUT
S
RS
VS
D
QINJ = CL ×ΔVOUT
ADG701L
ADG702L
Figure 16. Charge Injection
VDD
RL
50
Ω
0.1
μF
VOUT
VIN
VS
VDD
IN
SD
GND
Figure 17. Off Isolation
VDD
RL
50
Ω
0.1
μF
VOUT
VIN
VS
VDD
IN
SD
GND
Figure 18. Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com