Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG701LBRMZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADG701LBRMZ
Description  CMOS Low Voltage 2 OHM SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG701LBRMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG701LBRMZ Datasheet HTML 4Page - Analog Devices ADG701LBRMZ Datasheet HTML 5Page - Analog Devices ADG701LBRMZ Datasheet HTML 6Page - Analog Devices ADG701LBRMZ Datasheet HTML 7Page - Analog Devices ADG701LBRMZ Datasheet HTML 8Page - Analog Devices ADG701LBRMZ Datasheet HTML 9Page - Analog Devices ADG701LBRMZ Datasheet HTML 10Page - Analog Devices ADG701LBRMZ Datasheet HTML 11Page - Analog Devices ADG701LBRMZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADG701L/ADG702L
Rev. 0 | Page 10 of 12
APPLICATIONS INFORMATION
The ADG701L/ADG702L belong to the Analog Devices new
family of CMOS switches. This series of general-purpose switches
have improved switching times, lower on resistance, higher
bandwidth, low power consumption, and low leakage currents.
SUPPLY VOLTAGES
Functionality of the ADG701L/ADG702L extends from 1.8 V to
5.5 V single supply, making the parts ideal for battery-powered
instruments where power, efficiency, and performance are
important design parameters.
It is important to note that the supply voltage affects the input
signal range, the on resistance, and the switching times of the
part. The effects of the power supplies can be clearly seen in the
Typical Performance Characteristics and the Specifications
sections.
For VDD = 1.8 V operation, RON is typically 40 Ω over the
temperature range.
BANDWIDTH
Figure 19 illustrates the parasitic components that affect the ac
performance of CMOS switches (a box surrounds the switch).
Additional external capacitances further degrade some perform-
ance. These capacitances affect feedthrough, crosstalk, and
system bandwidth.
VIN
SD
RON
CDS
CD
CLOAD
RLOAD
VOUT
Figure 19. Switch Represented by Equivalent Parasitic Components
The transfer function that describes the equivalent diagram of
the switch (see Figure 19) is of the form A(s), as shown in the
following equation:
⎥
⎦
⎤
⎢
⎣
⎡
+
+
=
1
)
(
1
)
(
)
(
T
T
ON
DS
ON
T
R
C
R
s
C
R
s
R
s
A
where CT = CLOAD + CD + CDS.
The signal transfer characteristic is dependent on the switch
channel capacitance, CDS. This capacitance creates a frequency
zero in the numerator of the transfer function, A(s). Because
the switch on resistance is small, this zero usually occurs at high
frequencies. The bandwidth is a function of the switch output
capacitance combined with CDS and the load capacitance. The
frequency pole corresponding to these capacitances appears in
the denominator of A(s).
The dominant effect of the output capacitance, CD, causes the
pole breakpoint frequency to occur first. In order to maximize
bandwidth, a switch must have a low input and output capaci-
tance and low on resistance. The on response versus frequency
for the ADG701L/ADG702L is shown in Figure 11.
OFF ISOLATION
Off isolation is a measure of the input signal coupled through
an off switch to the switch output. The capacitance, CDS, couples
the input signal to the output load when the switch is off (see
Figure 20).
VIN
SD
CDS
CD
CLOAD
RLOAD
VOUT
Figure 20. Off Isolation Is Affected by External Load Resistance and
Capacitance
The larger the value of CDS, the larger the values of feedthrough
produced. Figure 10 illustrates the drop in off isolation as a
function of frequency. From dc to roughly 1 MHz, the switch
shows better than −75 dB isolation. Up to frequencies of
10 MHz, the off isolation remains better than −55 dB. As the
frequency increases, more and more of the input signal is
coupled through to the output. Off isolation can be maximized
by choosing a switch with the smallest CDS possible. The values
of load resistance and capacitance also affect off isolation, as
they contribute to the coefficients of the poles and zeros in the
transfer function of the switch when open.
⎥
⎦
⎤
⎢
⎣
⎡
+
+
=
1
)
)(
(
1
)
(
)
(
T
LOAD
DS
LOAD
T
C
R
s
C
R
s
R
s
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com