Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5315ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5315ACPZ-R7
Description  Precision Wide Range (3 nA to 3 mA) High-Side Current Mirror
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5315ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5315ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADL5315
Rev. 0 | Page 7 of 20
+3 SIGMA
–3 SIGMA
AVERAGE
20
–20
–40
TEMPERATURE (
°C)
90
–30 –20 –10
0
10
20
30
40
50
60
70
80
15
10
5
0
–5
–10
–15
Figure 9. Temperature Drift of VINPT with VSET = VSREF, 3-σ to Either Side of Mean
10
–40
100
1000M
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
5
0
–5
–10
–15
–20
–25
–30
–35
30nA
300nA
30
μA
3
μA
300
μA
3mA
3nA
Figure 10. Small-Signal AC Response of IINPT to IOUT for IINPT in
Decades from 3 nA to 3 mA
4.5
–1.0
0
10
TIME (ms)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
1
23456
789
T-RISE FOR ALL CURRENTS
≤ 200ns
100nA
T-FALL
≤ 9.5ms
10
μA
T-FALL
≤ 180μs
1mA
T-FALL
≤ 600ns
Figure 11. Pulse Response of VSET to VINPT
(VSET Pulsed from 0 V to 4 V) for Multiple Values of IINPT
+3 SIGMA
–3 SIGMA
AVERAGE
20
–20
–40
TEMPERATURE (
°C)
90
–30 –20 –10
0
10
20
30
40
50
60
70
80
15
10
5
0
–5
–10
–15
Figure 12. Temperature Drift of VINPT with VSET = 4 V (External Voltage Source),
3-σ to Either Side of Mean
400
10m
1n
0
TIME (
μs)
1m
100
μ
10
μ
1
μ
100n
10n
50
100
150
200
250
300
350
300
μA TO 3mA: T-RISE =
<10ns, T-FALL = <300ns
30
μA TO 300μA: T-RISE =
<10ns, T-FALL = <300ns
3
μA TO 30μA: T-RISE =
<10ns, T-FALL = <1
μs
300nA TO 3nA: T-RISE =
<20ns, T-FALL = <5
μs
30nA TO 300nA: T-RISE =
<5
μs, T-FALL = <25μs
3nA TO 30nA: T-RISE =
<100
μs, T-FALL = <200μs
Figure 13. Pulse Response of IINPT to IOUT for IOUT in Decades from 3 nA to 3 mA
100
10
–10
0
RLIM (kΩ)
0
VPOS = 2.7V, VSET = VSREF
VPOS = 5V, VSET = VSREF
VPOS = 8V, VSET = VSREF
8
6
4
2
–2
–4
–6
–8
10
20
30
40
50
60
70
80
90
ILIM = 48/(RLIM + 3kΩ)
Figure 14. Current Limit Error in Percent vs. RLIM for Multiple Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com