Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5315ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5315ACPZ-R7
Description  Precision Wide Range (3 nA to 3 mA) High-Side Current Mirror
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5315ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5315ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADL5315
Rev. 0 | Page 13 of 20
EXTENDED OPERATING RANGE
The ADL5315 is specified over an input current range of 3 nA
to 3 mA, but the device remains fully functional over the full
eight decade range specified for ADI’s flagship translinear
logarithmic amplifier, the AD8304 (100 pA to 10 mA). Figure
25 and Figure 26 show the performance of the ADL5315 for this
extended operating range vs. various temperature and supply
conditions.
This extended dynamic range capability allows the ADL5315 to
be used in optical power measurement systems, precision test
equipment, or any other system that requires accurate, high
dynamic range current monitoring.
2.0
–2.0
1n
100p
10m
IINPT (A)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
10m
1n
1m
100
μ
10
μ
1
μ
100n
10n
100p
10n
100n
1
μ
10
μ
100
μ
1m
–40
°C
+25
°C
+70
°C
+85
°C
0
°C
+25
°C, +70°C, +85°C,
0
°C, –40°C
Figure 25. Extended Operating Range of 100 pA to 10 mA for Multiple
Temperatures, Normalized to 25°C and IINPT = 3 μA
2.0
–2.0
1n
10m
IINPT (A)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
10m
1n
1m
100
μ
10
μ
1
μ
100n
100p
10n
10n
100n
100p
1
μ
10
μ
100
μ
1m
IINPT VS. IOUT, ALL
VOLTAGE CONDITIONS
VPOS = 2.7V, VSET = VSREF
VPOS = 5V, VSET = 2V
VPOS = 5V, VSET = VSREF
VPOS = 8V, VSET = 2V
VPOS = 8V, VSET = VSREF
Figure 26. Extended Operating Range of 100 pA to 10 mA for Multiple Supply
Conditions, Normalized to VPOS = 5 V, VSET = VSREF and IINPT = 3 μA
USING RLIM AS A SECONDARY MONITOR
The RLIM pin can be used as a secondary linear output for
monitoring input currents near the upper end of the ADL5315
current range. The RLIM pin sinks a current approximately
equal to IINPT/40. The voltage generated by this current through
the series combination of an internal 3 kΩ resistor and the
external RLIM is compared to a 1.2 V threshold and fed back to
the mirror bias to limit IINPT.
Figure 27 shows the equivalent circuit and one method for
using RLIM to form a VSET bias proportional to IINPT, also
referred to as automatic photodiode biasing. This configuration
is useful in PIN photodiode systems to compensate for photo-
diode equivalent series resistance (ESR) while maintaining low
reverse bias at low signal levels to minimize dark current.
Choosing R2 >> RLIM minimizes impact on ILIM and allows
the resistor ratio, R2/R1, to be calculated based on maximum
photodiode ESR using the following simplified equation.
R3
R1
R
R2
R
R
40
R1
R2
LIM
LIM
PDmax
=
>>
=
,
,
where RPDmax is the maximum ESR of the photodiode.
For zero bias at zero input current, the sum of RLIM and R3 must
equal R1. For positive bias at zero input current, the sum of RLIM
and R3 should be greater than R1. The ratio of VPOS to VSET
varies directly.
For example, choosing RLIM = 1.82 kΩ (10 mA ILIM),
R2 = 100 kΩ, and R1 = 18.2 kΩ compensates for photodiode
ESR up to 250 Ω.
A simple low voltage drop current mirror with a load resistor
can replace the differential amplifier shown in Figure 27,
although the resulting input current limit is less accurate and
will vary with temperature.
VPOS
MIRROR
BIAS
1.2V
R2
R2
3k
Ω
RLIM
RLIM
VSET
R3
R1
IINPT/40
VPOS
Figure 27. Providing Automatic Photodiode Voltage Biasing Using RLIM Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com