Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5315ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5315ACPZ-R7
Description  Precision Wide Range (3 nA to 3 mA) High-Side Current Mirror
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5315ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5315ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADL5315
Rev. 0 | Page 11 of 20
APPLICATIONS
The ADL5315 is primarily designed for wide dynamic range
applications, simplifying power monitoring designs where
access is only permitted to the cathode of a PIN photodiode or
receiver module. Figure 22 shows a typical application where
the ADL5315 is used to provide an accurate bias to a PIN diode
while simultaneously mirroring the diode current to be
measured by a translinear logarithmic amplifier.
In this application, the ADL5315 sets the bias voltage on the
PIN diode. This voltage is delivered at the INPT pin and is
controlled by the voltage at the VSET pin. VSET is driven by
the on-board reference VSREF, which is equal to VPOS − 1 V.
The input current, IINPT, is precisely mirrored at a ratio of 1:1 to
the IOUT pin. This interface is optimized for use with any of
ADI’s translinear logarithmic amplifiers (for example, the
AD8304 or AD8305) to offer a precise, wide dynamic range
measurement of the optical power incident upon the PIN.
If a linear voltage output is preferred at IOUT, a single external
resistor to ground is all that is necessary to perform the
conversion.
AVERAGE POWER MONITORING
In applications where a modulated signal is incident upon the
photodiode, the average power of the signal can be measured.
Figure 21 shows the connections necessary for using the
ADL5315 in such a measurement system.
The value of the capacitor to ground should be selected to
eliminate errors due to modulation of the ADL5315 input
current.
VOLTAGE
REFERENCE
CURRENT
LIMITING
COMM
VSET
NC
INPT
DATA PATH
LINEAR
VOLTAGE
OUTPUT
IPD
CURRENT
MIRROR
1:1
ADL5315
4
2
7
SREF
3
1
6
VPOS
PIN
20k
Ω
5
RLIM
CSET
VPOS
8
IOUT
IPD
TIA
Figure 21. Average Power Monitoring Using the ADL5315
VOLTAGE
REFERENCE
CURRENT
LIMITING
COMM
VSET
NC
INPT
DATA PATH
OPTICAL
POWER
TRANSLINEAR LOG AMP
AD8304, AD8305, ETC.
THIS CONNECTION IS NOT NECESSARY,
BUT REDUCES ERRORS DUE TO LEAKAGE
CURRENTS AT LOW SIGNAL LEVELS.
IPD
CURRENT
MIRROR
1:1
ADL5315
4
2
7
SREF
3
1
6
VPOS
VPOS
PIN
20k
Ω
5
RLIM
RLIM
RLIM = 48V
ILIM
ILIM = 1mA – 16mA
– 3k
Ω
8
IOUT
VSUM
INPT
IPD
TIA
VSREF = VPOS – 1V
VSET = VINPT
NODE VOLTAGES
Figure 22. Typical Application Using the ADL5315



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com