Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5519ACPZ-R7
Description  1 MHz to 10 GHz, 50 dB Dual Log Detector/Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5519ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Preliminary Technical Data
ADL5519
Rev. PrB | Page 7 of 27
Parameter
Conditions
Min
Typ
Max
Unit
Input B to OUTA Isolation
PINHB = −50 dBm, OUTB = OUTBPINHB ± 1 dB
TBD
dB
PINHA = −50 dBm, OUTA = OUTAPINHA ± 1 dB
TBD
dB
OUTPUT INTERFACE
OUT[A, B] (Pins 12, 7), OUT[P, N] (Pins 10, 9)
OUT[A, B] Voltage Range Min
VST[A, B] = TBD RFIN = open RL
≥ 240
Ω to ground
TBD
V
VST[A, B] = 0V RFIN = open RL
≥ 240
Ω to ground
TBD
V
OUT[P, N] output
OUT[A, B] = OUT[P, N]
VLVL
OUT[P, N] Voltage Range Min
FBK[A, B] = TBD RFIN = open RL
≥ 240
Ω to ground
TBD
V
FBK[A, B] = 0V RFIN = open RL
≥ 240
Ω to ground
TBD
V
Source/Sink Current
Output held at 1V to 1% change
2.2
mA
Small Signal Bandwidth
RFIN = −10 dBm, from CLP[A,B] to OUT[A,B]
TBD
MHz
Output Noise
RF Input = 2.2 GHz, –10 dBm, fNOISE = 100 kHz,
CLP[A,B] = open
TBD
nV/
√Hz
Fall Time
Input level = no signal to –10 dBm, 90% to 10%,
CLP[A,B] = 8 pF
TBD
ns
Fall Time
Input level = no signal to –10 dBm, 90% to 10%,
CLP[A,B] = open;
TBD
ns
Rise Time
Input level = −10 dBm to no signal, 10% to 90%,
CLP[A, B] = 8 pF
TBD
ns
Rise Time
Input level = −10 dBm to no signal, 10% to 90%,
CLP[A,B] = open,
TBD
ns
Video Bandwidth (or Envelope
Bandwidth)
50
MHz
SETPOINT INTERFACE
VST[A, B] (Pins 13, 6)
Nominal Input Range
Input level = 0 dBm, measurement mode
0.5
V
Input level = –50 dBm, measurement mode
1.75
V
Logarithmic Scale Factor
−45
dB/V
Logarithmic Intercept
TBD
Input Resistance
Input level = −20 dBm, controller mode, VST[A,B] = 1
V
40
k
Ω
DIFFERENCE LEVEL ADJUST
VLVL (Pin 4)
Voltage Range
OUT[P, N] = FBK[A, B]
TBD
V
OUT[P, N] Voltage Range
OUT[P, N] = FBK[A, B]
TBD
V
Input Impedance
TBD
Ω||pF
TEMPERATURE COMPENSATION
ADJ[A, B] (Pins 17, 2)
Input Resistance
ADJ[A, B] = 0.9 V, sourcing 50 μA
13
k
Ω
Disable Threshold Voltage
ADJ[A, B] = open
VPOS – 0.4
V
VOLTAGE REFERENCE
VREF (Pin 3)
Output Voltage
1.15
V
Temperature Sensitivity
−40
°C < T
A
< +85
°C
TBD
mV/oC
Current Limit Source/Sink
3/3
mA
TEMPERATURE REFERENCE
TEMP (Pin 15)
Output Voltage
1.3
V
Temperature Sensitivity
−40
°C < T
A
< +125
°C
4.5
mV/oC
Current Limit Source/Sink
5/40
mA/uA
POWER-DOWN INTERFACE
Pin PWDN
Logic Level to Enable
Logic LO enables
TBD
V
Logic Level to Disable
Logic HI disables
TBD
V
Input Current
Logic HI PWDN = 5 V
TBD
μA
Logic LO PWDN = 0 V
TBD
μA
Enable Time
PWDN LO to OUTA/OUTB at 100% final value,
CLPA/B = Open, CHPA/B = 10 nF, RF in = 0 dBm
TBD
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com