Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5519ACPZ-R7
Description  1 MHz to 10 GHz, 50 dB Dual Log Detector/Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5519ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Preliminary Technical Data
ADL5519
Rev. PrB | Page 20 of 27
TEMPERATURE COMPENSATION ADJUSTMENT
The ADL5519 has a highly stable measurement output with
respect to temperature. However, when the RF inputs exceed a
frequency of 600 MHz, the output temperature drift must be
compensated for using ADJ[A, B] for optimal performance.
Proprietary techniques are used to compensate for the temper-
ature drift. The absolute value of compensation varies with
frequency and circuit board material. Table 4 shows
recommended voltages for ADJ[A, B] to maintain a
temperature drift error of typically ±0.5 dB or better over the
entire rated temperature range with the recommended baluns.
Table 4: Recommended ADJ[A,B] Voltage Levels
Frequency
Recommended ADJ[A,B] Voltage
50 MHz
TBD
100 MHz
TBD
900 MHz
TBD
1.8 GHz
TBD
1.9 GHz
TBD
2.2 GHz
TBD
3.6 GHz
TBD
5.3 GHZ
TBD
5.8 GHz
TBD
8 GHz
TBD
Compensating the device for temperature drift using ADJ[A, B]
allows for great flexibility. If the user requires minimum temper-
ature drift at a given input power or subset of the dynamic range,
the ADJ[A, B] voltage can be swept while monitoring OUT[A, B]
over temperature. Figure 22 shows the result of such an exercise.
The value of ADJ[A, B] where the output has minimum
movement (approximately 0.77 V for the example in Figure 22)
is the recommended voltage for ADJ[A, B] to achieve minimum
temperature drift at a given power and frequency.
Figure 22. OUTA vs. ADJA over Temp. Pin = −30 dBm, 1.9 GHz
The ADJ[A, B] input has high input impedance. The input can
be conveniently driven from an attenuated value of VREF using
a resistor divider, if desired.
Figure 23 shows a simplified schematic representation of the
ADJ[A, B] interface.
COMR
COMR
ICOMP
ADJ[A,B]
VTADJ
VREF
ADL5519
Figure 23. ADJ[A, B] Interface Simplified Schematic
DEVICE CALIBRATION AND ERROR CALCULATION
The measured transfer function of the ADL5519 at 2.14 GHz is
shown in Figure 24. The figure shows plots of both output
voltage vs. input power and calculated error vs. input power. As
the input power varies from −50 dBm to 0 dBm, the output
voltage varies from 0.4 V to about 2.8 V.
Figure 24. Transfer Function at 2.14 GHz.
Because slope and intercept vary from device to device, board-
level calibration must be performed to achieve high accuracy.
The equation for output voltage can be written as
VOUT = Slope × (PIN − Intercept)
Where Slope is the change in output voltage divided by the
change in power (dB), and Intercept is the calculated power at
which the output voltage would be 0 V. (Note that Intercept is a
theoretical value; the output voltage can never achieve 0 V).
In general, the calibration is performed by applying two known
signal levels to the ADL5519’s input and measuring the
corresponding output voltages. The calibration points are
generally chosen to be within the linear-in-dB operating range
of the device (see the Specifications section for more details).
Calculation of the slope and intercept is done using the
equations:
Slope = (VOUT1 − VOUT2)/(PIN1 − PIN2)
Intercept = PIN1 − (VOUT1/Slope)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com