Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5519ACPZ-R7
Description  1 MHz to 10 GHz, 50 dB Dual Log Detector/Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5519ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
ADL5519
Preliminary Technical Data
Rev. PrB | Page 12 of 27
TYPICAL PERFORMANCE CHARACTERISTICS
VP = 5 V; TA = +25°C, –40°C, +85°C; CLPA/B = OPEN. Colors: +25°C black, –40°C blue, +85°C red.
Figure 3: OUT[A, B] Voltage and Log Conformance vs. Input Amplitude
at 450 MHz, Typical Device, ADJ[A, B] = 0 V, Sine Wave, Differential
Drive,
Figure 4: Distribution of OUT[A, B] Voltage and Error over Temperature
After Ambient Normalization vs. Input Amplitude for at Least 30
Devices from Multiple Lots, Frequency = 450 MHz, ADJ[A, B] = 0 V, Sine
Wave, Differential Drive
Figure 5: Distribution of [OUTA – OUTB] Gain vs. Input Amplitude over
Temperature for at Least 30 Devices from Multiple Lots, Frequency =
450 MHz, ADJ[A, B] = 0 V, Sine Wave, Differential Drive
Figure 6: OUT[P, N]Gain and Log Conformance vs. Input Amplitude at
450 MHz, Typical Device, ADJ[A, B] = 0 V, Sine Wave, Differential Drive
(Note that the OUTP and OUTN Error Curves Overlap)
Figure 7: Distribution of [OUTP − OUTN] Gain and Error over
Temperature After Ambient Normalization vs. Input Amplitude for at
Least 30 Devices from Multiple Lots, Frequency = 450 MHz, ADJ[A, B] =
0 V, Sine Wave, Differential Drive, PIN Ch. B = −25 dBm, Channel A
Swept
Figure 8: OUT[A, B] Voltage and Log Conformance vs. Input Amplitude
at 880 MHz, Typical Device, ADJ[A, B] = 0.5 V, Sine Wave, Differential
Drive,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com