Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5161 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CS5161
Description  CPU 5?묪it Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5161 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CS5161 Datasheet HTML 9Page - ON Semiconductor CS5161 Datasheet HTML 10Page - ON Semiconductor CS5161 Datasheet HTML 11Page - ON Semiconductor CS5161 Datasheet HTML 12Page - ON Semiconductor CS5161 Datasheet HTML 13Page - ON Semiconductor CS5161 Datasheet HTML 14Page - ON Semiconductor CS5161 Datasheet HTML 15Page - ON Semiconductor CS5161 Datasheet HTML 16Page - ON Semiconductor CS5161 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
CS5161, CS5161H
http://onsemi.com
13
The circuit that implements this function is shown in
Figure 19.
Figure 19. Small RC Filter Provides the
Proper Voltage Ramp at the Beginning of
each On−Time Cycle
To Synchronous
FET
16
VOUT
12
C1
R2
R1
CS5161
GATE(L)
COMP
CCOMP
The ramp waveform is generated through a small RC filter
that provides the proper voltage ramp at the beginning of
each on−time cycle. The resistors R1 and R2 in the circuit of
Figure 14 form a voltage divider from the GATE(L) output,
superimposing a small artificial ramp on the output of the
error amplifier. It is important that the series combination
R1/R2 is high enough in resistance not to load down and
negatively affect the slew rate on the GATE(L) pin.
Selecting External Components
The CS5161/5161H can be used with a wide range of
external power components to optimize the cost and
performance of a particular design. The following
information can be used as general guidelines to assist in
their selection.
NFET Power Transistors
Both logic level and standard MOSFETs can be used. The
reference designs derive gate drive from the 12 V supply
which is generally available in most computer systems and
utilize logic level MOSFETs. Multiple MOSFETs may be
paralleled to reduce losses and improve efficiency and
thermal management.
Voltage applied to the MOSFET gates depends on the
application circuit used. Both upper and lower gate driver
outputs are specified to drive to within 1.5 V of ground when
in the low state and to within 2.0 V of their respective bias
supplies when in the high state. In practice, the MOSFET
gates will be driven rail to rail due to overshoot caused by the
capacitive load they present to the controller IC. For the
typical application where VCC1 = VCC2 = 12 V and 5.0 V is
used as the source for the regulator output current, the
following gate drive is provided;
VGATE(H) + 12 V * 5.0 V + 7.0 V, VGATE(L) + 12 V
(see Figure 20.)
Figure 20. CS5161/5161H Gate Drive Waveforms
Depicting Rail to Rail Swing
M 1.00 μs
Math 1 = VGATE(H) − 5.0 VIN
Trace 3 = VGATE(H) (10 V/div.)
Trace 4 = VGATE(L) (10 V/div.)
Trace 2− Inductor Switching Nodes (5.0 V/div.)
The most important aspect of MOSFET performance is
RDSON, which effects regulator efficiency and MOSFET
thermal management requirements.
The power dissipated by the MOSFETs may be estimated
as follows;
Switching MOSFET:
Power + ILOAD2
RDSON
duty cycle
Synchronous MOSFET:
Power + ILOAD2
RDSON
(1 * duty cycle)
Duty Cycle =
VOUT ) (ILOAD
RDSON OF SYNCH FET)
VIN)(ILOAD
RDSON OF SYNCH FET)
* (ILOAD
RDSON OF SWITCH FET)
Off Time Capacitor (COFF)
The COFF timing capacitor sets the regulator off time:
TOFF + COFF
4848.5
The preceding equations for duty cycle can also be used
to calculate the regulator switching frequency and select the
COFF timing capacitor:
COFF +
Perioid
(1 * duty cycle)
4848.5
where:
Period +
1
switching frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com