Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5161 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5161
Description  CPU 5?묪it Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5161 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5161 Datasheet HTML 1Page - ON Semiconductor CS5161 Datasheet HTML 2Page - ON Semiconductor CS5161 Datasheet HTML 3Page - ON Semiconductor CS5161 Datasheet HTML 4Page - ON Semiconductor CS5161 Datasheet HTML 5Page - ON Semiconductor CS5161 Datasheet HTML 6Page - ON Semiconductor CS5161 Datasheet HTML 7Page - ON Semiconductor CS5161 Datasheet HTML 8Page - ON Semiconductor CS5161 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 12
1
Publication Order Number:
CS5161/D
CS5161, CS5161H
CPU 5−Bit Synchronous
Buck Controller
The CS5161/5161H are 5−bit synchronous dual N−Channel buck
controllers designed to provide unprecedented transient response for
today’s demanding high−density, high−speed logic. They operate
using a proprietary control method which allows a 100 ns response
time to load transients. The CS5161 is designed to operate over a
9−16 V range (VCC) using 12 V to power the IC and 5.0 V as the main
supply for conversion.
The CS5161H operates from a 12 V input as the main supply for
conversion using a discrete charge pump circuit to provide up to 20 V
for VCC2 and high side gate drive.
The CS5161/5161H are specifically designed to power
Pentium® III processors and other high performance core logic. They
include the following features: on board 5−bit DAC, short circuit
protection, 1.0% output tolerance, VCC monitor, and programmable
Soft Start capability. The CS5161/5161H are available in 16 pin
surface mount packages.
Features
• Dual N−Channel Design
• Excess of 1.0 MHz Operation
• 100 ns Transient Response
• 5−Bit DAC
• Backward Compatible with CS515X Family
• 30 ns Gate Rise/Fall Times
• 1.0% DAC Accuracy
• 5.0 V & 12 V Operation
• Remote Sense
• Programmable Soft Start
• Lossless Short Circuit Protection
• VCC Monitor
• 50 ns FET Nonoverlap Time
• V2™ Control Topology
• Current Sharing
• Overvoltage Protection
CS5161GDR16
MARKING
DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
CS5161GD16
SO−16
48 Units/Rail
SO−16
2500 Tape & Reel
1
COMP
VFFB
VFB
COFF
SS
VID0
VCC2
VCC1
VGATE(L)
VGATE(H)
PGnd
PIN CONNECTIONS
LGnd
CS5161HGD16
CS5161HGDR16
SO−16
SO−16
48 Units/Rail
2500 Tape & Reel
VID1
VID2
VID3
VID4
SO−16
D SUFFIX
CASE 751B
1
16
CS5161
AWLYWW
http://onsemi.com


Similar Part No. - CS5161

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS516 CAMPBELL-CS516 Datasheet
2Mb / 4P
10-Hour Fuel Temperature/ Moisture Sensors
October 20, 2017
CS516-LQ CAMPBELL-CS516-LQ Datasheet
2Mb / 4P
10-Hour Fuel Temperature/ Moisture Sensors
October 20, 2017
CS516-LQ-LQ CAMPBELL-CS516-LQ-LQ Datasheet
2Mb / 4P
10-Hour Fuel Temperature/ Moisture Sensors
October 20, 2017
CS516-LQ-LT CAMPBELL-CS516-LQ-LT Datasheet
2Mb / 4P
10-Hour Fuel Temperature/ Moisture Sensors
October 20, 2017
CS516-QD CAMPBELL-CS516-QD Datasheet
2Mb / 4P
10-Hour Fuel Temperature/ Moisture Sensors
October 20, 2017
More results

Similar Description - CS5161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5159 ONSEMI-CS5159 Datasheet
607Kb / 16P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5160 ONSEMI-CS5160 Datasheet
584Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5165A ONSEMI-CS5165A Datasheet
497Kb / 18P
5?묪it Synchronous CPU Buck Controller
October, 2005 ??Rev. 1
CS5155 ONSEMI-CS5155 Datasheet
635Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 4
CS5155H ONSEMI-CS5155H Datasheet
623Kb / 17P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 3
CS5157 ONSEMI-CS5157 Datasheet
603Kb / 16P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 7
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5158 ONSEMI-CS5158 Datasheet
607Kb / 16P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5165 ONSEMI-CS5165 Datasheet
718Kb / 21P
5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 4
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com