Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5161 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5161
Description  CPU 5?묪it Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5161 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5161 Datasheet HTML 1Page - ON Semiconductor CS5161 Datasheet HTML 2Page - ON Semiconductor CS5161 Datasheet HTML 3Page - ON Semiconductor CS5161 Datasheet HTML 4Page - ON Semiconductor CS5161 Datasheet HTML 5Page - ON Semiconductor CS5161 Datasheet HTML 6Page - ON Semiconductor CS5161 Datasheet HTML 7Page - ON Semiconductor CS5161 Datasheet HTML 8Page - ON Semiconductor CS5161 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CS5161, CS5161H
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < +70°C; CS5161: 0°C < TJ < +85°C; CS5161H: 0°C < TJ < +125°C;
9.5 V < VCC1 < 14 V; CS5161: 5.0 V < VCC2 < 16 V; CS5161H: 5.0 V < VCC2 < 20 V; DAC Code: VID4 = VID2 = VID1 = VID0 =1; VID3 = 0;
CVGATE(L) and CVGATE(H) = 1.0 nF; COFF = 330 pF; CSS = 0.1 μF, unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
PWM Comparator
Transient Response
VFFB = 0 to 5.0 V to VGATE(H) = 9.0 V to 1.0 V;
VCC1 = VCC2 = 12 V
−
100
125
ns
VFFB Bias Current
VFFB = 0 V
−
0.3
−
μA
DAC
Input Threshold
VID0, VID1, VID2, VID3, VID4
1.00
1.25
2.40
V
Input Pull Up Resistance
VID0, VID1, VID2, VID3, VID4
25
50
110
kΩ
Pull Up Voltage
−
4.85
5.00
5.15
V
Accuracy (all codes except 11111,
10110, 10101, 10100, 10011,
10010, 10001, 10000)
Measure VFB = COMP,
CS5161: 25°C ≤ TJ ≤ 85°C
CS5161H: 25°C ≤ TJ ≤ 125°C
−
−
± 1.0
%
VID4
VID3
VID2
VID1
VID0
0
1
1
1
1
−
1.2870
1.3000
1.3130
V
0
1
1
1
0
−
1.3365
1.3500
1.3635
V
0
1
1
0
1
−
1.3860
1.4000
1.4140
V
0
1
1
0
0
−
1.4355
1.4500
1.4645
V
0
1
0
1
1
−
1.4850
1.5000
1.5150
V
0
1
0
1
0
−
1.5345
1.5500
1.5655
V
0
1
0
0
1
−
1.5840
1.6000
1.6160
V
0
1
0
0
0
−
1.6335
1.6500
1.6665
V
0
0
1
1
1
−
1.6830
1.7000
1.7170
V
0
0
1
1
0
−
1.7325
1.7500
1.7675
V
0
0
1
0
1
−
1.7820
1.8000
1.8180
V
0
0
1
0
0
−
1.8315
1.8500
1.8685
V
0
0
0
1
1
−
1.8810
1.9000
1.9190
V
0
0
0
1
0
−
1.9305
1.9500
1.9695
V
0
0
0
0
1
−
1.9800
2.0000
2.0200
V
0
0
0
0
0
−
2.0295
2.0500
2.0705
V
1
1
1
1
1
−
1.2191
1.2440
1.2689
V
1
1
1
1
0
−
2.0790
2.1000
2.1210
V
1
1
1
0
1
−
2.1780
2.2000
2.2220
V
1
1
1
0
0
−
2.2770
2.3000
2.3230
V
1
1
0
1
1
−
2.3760
2.4000
2.4240
V
1
1
0
1
0
−
2.4750
2.5000
2.5250
V
1
1
0
0
1
−
2.5740
2.6000
2.6260
V
1
1
0
0
0
−
2.6730
2.7000
2.7270
V
1
0
1
1
1
−
2.7720
2.8000
2.8280
V
1
0
1
1
0
−
2.8420
2.9000
2.9580
V
1
0
1
0
1
−
2.9400
3.0000
3.0600
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com