Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1192 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM1192
Description  Digital Power Monitor with Clear Pin and ALERT Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1192 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM1192 Datasheet HTML 2Page - Analog Devices ADM1192 Datasheet HTML 3Page - Analog Devices ADM1192 Datasheet HTML 4Page - Analog Devices ADM1192 Datasheet HTML 5Page - Analog Devices ADM1192 Datasheet HTML 6Page - Analog Devices ADM1192 Datasheet HTML 7Page - Analog Devices ADM1192 Datasheet HTML 8Page - Analog Devices ADM1192 Datasheet HTML 9Page - Analog Devices ADM1192 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADM1192
Rev. 0 | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VCC
1
SENSE
2
SETV
3
GND
4
TIMER 5
ALERT
10
CLRB
9
ADR
8
SDA
7
SCL
6
ADM1192ARM
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VCC
Positive Supply Input Pin. The operating supply voltage range is 3.15 V to 26 V. An undervoltage lockout
(UVLO) circuit resets the ADM1192 when a low supply voltage is detected.
2
SENSE
Current Sense Input Pin. A sense resistor between the VCC pin and the SENSE pin generates a voltage across
a sense resistor. This voltage is proportional to the load current. A current sense amplifier amplifies this
voltage before it is digitized by the ADC.
3
SETV
Input Pin. The voltage driven onto this pin is compared to the output of the internal current sense amplifier.
The lower the voltage on the SETV, the lower the current level that causes the ALERT output to assert.
4
GND
Chip Ground Pin.
5
TIMER
Timer Input Pin. An external capacitor, CTIMER
, sets the timing period for masking overcurrent conditions. This
timing period should be sufficient to allow the load charge up completely with maximum current at startup
without tripping an overcurrent fault.
6
SCL
I2C Clock Pin. Open-drain input; requires an external resistive pull-up.
7
SDA
I2C Data I/O Pin. Open-drain input/output; requires an external resistive pull-up.
8
ADR
I2C Address Pin. This pin can be tied low, tied high, left floating, or tied low through a resistor to set four
different I2C addresses.
9
CLRB
Clear Pin. A latched overcurrent condition can be cleared by pulling this pin low.
10
ALERT
Alert Output Pin. Active high, open-drain configuration. This pin asserts high when an overcurrent condition
is present. The level at which an overcurrent condition is detected depends on the voltage on the SETV pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com