Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1192 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM1192
Description  Digital Power Monitor with Clear Pin and ALERT Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1192 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM1192 Datasheet HTML 12Page - Analog Devices ADM1192 Datasheet HTML 13Page - Analog Devices ADM1192 Datasheet HTML 14Page - Analog Devices ADM1192 Datasheet HTML 15Page - Analog Devices ADM1192 Datasheet HTML 16Page - Analog Devices ADM1192 Datasheet HTML 17Page - Analog Devices ADM1192 Datasheet HTML 18Page - Analog Devices ADM1192 Datasheet HTML 19Page - Analog Devices ADM1192 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADM1192
Rev. 0 | Page 16 of 20
When the output of the SETV comparator asserts, this tells the
ALERT block to begin charging the external TIMER capacitor
with a 60 μA charging current. When the voltage on the TIMER
capacitor reaches 1 V, the charging cycle is complete. The ALERT
output then asserts (goes high). Different values of TIMER
capacitor generate different time delays between current faults
occurring and the ALERT output asserting. When using the
ALERT output to implement a hot swap circuit, the TIMER
capacitor should be chosen to generate a large enough startup
delay to allow the maximum inrush current to completely
charge up the load without tripping an ALERT fault.
KELVIN SENSE RESISTOR CONNECTION
When using a low value sense resistor for high current measure-
ment, the problem of parasitic series resistance can arise. The
lead resistance can be a substantial fraction of the rated resistance,
making the total resistance a function of lead length.
This problem can be avoided by using a Kelvin sense connection.
This type of connection separates the current path through the
resistor and the voltage drop across the resistor. Figure 30 shows
the correct way to connect the sense resistor between the VCC
pin and the SENSE pin of the ADM1192.
SENSE RESISTOR
KELVIN SENSE TRACES
VCC
SENSE
ADM1192
CURRENT
FLOW FROM
SUPPLY
CURRENT
FLOW TO
LOAD
Figure 30. Kelvin Sense Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com