Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1192 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1192
Description  Digital Power Monitor with Clear Pin and ALERT Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1192 Datasheet(HTML) 1 Page - Analog Devices

  ADM1192 Datasheet HTML 1Page - Analog Devices ADM1192 Datasheet HTML 2Page - Analog Devices ADM1192 Datasheet HTML 3Page - Analog Devices ADM1192 Datasheet HTML 4Page - Analog Devices ADM1192 Datasheet HTML 5Page - Analog Devices ADM1192 Datasheet HTML 6Page - Analog Devices ADM1192 Datasheet HTML 7Page - Analog Devices ADM1192 Datasheet HTML 8Page - Analog Devices ADM1192 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Digital Power Monitor
with Clear Pin and ALERT Output
ADM1192
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Powered from 3.15 V to 26 V
Precision current sense amplifier
Precision voltage input
12-bit ADC for current and voltage readback
ALERT output allows basic P-channel FET hot swap
up to 26 V
SETV input for setting overcurrent alert threshold
Programmable overcurrent filtering via TIMER pin
CLRB input pin
I2C® fast mode-compliant interface (400 kHz maximum)
10-lead MSOP
APPLICATIONS
Power monitoring/power budgeting
Central office equipment
Telecommunication and data communication equipment
PCs/servers
GENERAL DESCRIPTION
The ADM1192 is an integrated current sense amplifier that
offers digital current and voltage monitoring via an on-chip,
12-bit analog-to-digital converter (ADC), communicated
through an I2C interface.
An internal current sense amplifier senses voltage across the sense
resistor in the power path via the VCC pin and the SENSE pin.
A 12-bit ADC can measure the current seen in the sense resistor
and in the supply voltage on the VCC pin. An industry-standard
I2C interface allows a controller to read current and voltage
data from the ADC. Measurements can be initiated by an I2C
command. Alternatively, the ADC can run continuously, and
the user can read the latest conversion data whenever it is
required. Up to four unique I2C addresses can be created,
depending on the way the ADR pin is connected.
A SETV pin is also included. A voltage applied to this pin is
internally compared to the output voltage on the current sense
amplifier. The output of the SETV comparator asserts when the
current sense amplifier output exceeds the SETV voltage. This
event is detected at the ALERT block. The ALERT block then
charges up the external TIMER capacitor with a fixed current.
When this timing cycle is complete, the ALERT output asserts.
FUNCTIONAL BLOCK DIAGRAM
V
I
0
1
ADM1192
SENSE
SETV
VCC
MUX
I2C
ALERT
CLRB
CURRENT
SENSE
AMPLIFIER
A
SDA
SCL
ADR
ALERT
GND
TIMER
COMPARATOR
12-BIT
ADC
Figure 1.
RSENSE
P = VI
CONTROLLER
ADM1192
SENSE
VCC
SDA
SCL
SDA
SCL
GND
ALERT
CLRB
CLRB
ADR
TIMER
3.15V TO 26V
SETV
ALERT
Figure 2. Applications Diagram
The ALERT output can be used as a flag to warn a micro-
controller or field programmable gate array (FPGA) of an
overcurrent condition. ALERT outputs of multiple ADM1192
devices can be tied together and used as a combined alert.
A basic P-channel FET hot swap circuit can be implemented
with the ALERT output. The value of the TIMER capacitor
should be set so that the charging time of this capacitor is much
longer than the period where a higher than nominal inrush
current may be flowing.
The ADM1192 is packaged in a 10-lead MSOP.


Similar Part No. - ADM1192

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1192 AD-ADM1192 Datasheet
415Kb / 20P
Digital Power Monitor with Clear Pin and ALERT Output
REV. B
ADM1192-1ARMZ-R7 AD-ADM1192-1ARMZ-R7 Datasheet
415Kb / 20P
Digital Power Monitor with Clear Pin and ALERT Output
REV. B
ADM1192 AD-ADM1192_08 Datasheet
415Kb / 20P
Digital Power Monitor with Clear Pin and ALERT Output
REV. B
More results

Similar Description - ADM1192

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
Hot Swap Controller and Digital Power Monitor with Convert Pin
9/06-Revision 0
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
Hot Swap Controller and Digital Power Monitor with AlertB Output
ADM1191 AD-ADM1191 Datasheet
389Kb / 16P
Digital Power Monitor with Convert Pin and ALERTB O
9/06-Revision 0
ADM1192 AD-ADM1192_08 Datasheet
415Kb / 20P
Digital Power Monitor with Clear Pin and ALERT Output
REV. B
ADM1191 AD-ADM1191_08 Datasheet
403Kb / 16P
Digital Power Monitor with Convert Pin and ALERTB Output
REV. B
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
logo
Analog Devices
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
logo
Linear Technology
LTC2995 LINER-LTC2995_15 Datasheet
233Kb / 20P
Temperature Sensor and Dual Voltage Monitor with Alert Outputs
logo
Texas Instruments
INA230 TI-INA230_V01 Datasheet
2Mb / 44P
INA230 36-V, 16-Bit, I2C Output Current, Voltage and Power Monitor With Alert
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com