Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5332 Datasheet(PDF) 14 Page - ON Semiconductor

Part # CS5332
Description  Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5332 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button CS5332 Datasheet HTML 10Page - ON Semiconductor CS5332 Datasheet HTML 11Page - ON Semiconductor CS5332 Datasheet HTML 12Page - ON Semiconductor CS5332 Datasheet HTML 13Page - ON Semiconductor CS5332 Datasheet HTML 14Page - ON Semiconductor CS5332 Datasheet HTML 15Page - ON Semiconductor CS5332 Datasheet HTML 16Page - ON Semiconductor CS5332 Datasheet HTML 17Page - ON Semiconductor CS5332 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
CS5332
http://onsemi.com
14
order to reduce voltage excursions during transients.
Adaptive voltage positioning can reduce peak−peak output
voltage deviations during load transients and allow for a
smaller output filter. The output voltage can be set higher
than nominal at light loads to reduce output voltage sag
when the load current is stepped up and set lower than
nominal during heavy loads to reduce overshoot when the
load current is stepped up. For low current applications a
droop resistor can provide fast accurate adaptive
positioning. However at high currents, the loss in a droop
resistor becomes excessive. For example, in a 50 A
converter a 1.0 mΩ resistor to provide a 50 mV change in
output voltage between no load and full load would dissipate
2.5 Watts.
Lossless adaptive positioning is an alternative to using a
droop resistor, but must respond quickly to changes in load
current. Figure 14 shows how adaptive positioning works.
The waveform labeled normal shows a converter without
adaptive positioning. On the left, the output voltage sags
when the output current is stepped down and later
overshoots when current is stepped back down. With fast
(ideal) adaptive positioning the peak to peak excursions are
cut in half. In the slow adaptive positioning waveform the
output voltage is not repositioned quickly enough after
current is stepped up and the upper limit is exceeded.
Adaptive Positioning
Adaptive Positioning
Normal
Fast
Slow
Limits
Figure 14. Adaptive Positioning
The CS5332 can be configured to adjust the output
voltage based on the output current of the converter. (Refer
to Figure 1.)
To set the no−load positioning, a resistor is placed
between the output voltage and VFB pin. The VFB bias
current will develop a voltage across the resistor to decrease
the output voltage. The VFB bias current is dependent on the
value of ROSC. See Figure 4 on the datasheet.
During no load conditions the VDRP pin is at the same
voltage as the VFB pin, so none of the VFB bias current flows
through the VDRP resistor. When output current increases
the VDRP pin increases proportionally and the VDRP pin
current offsets the VFB bias current and causes the output
voltage to decrease.
The VFB and VDRP pins take care of the slower and DC
voltage positioning. The first few μs are controlled primarily
by the ESR and ESL of the output filter. The transition
between fast and slow positioning is controlled by the ramp
size and the error amp compensation. If the ramp size is too
large or the error amp too slow there will be a long transition
to the final voltage after a transient. This will be most
apparent with lower capacitance output filters.
Note: Large levels of adaptive positioning can cause pulse
width jitter.
Error Amp Compensation
The transconductance error amplifier requires a capacitor
between the COMP pin and GND. Use of values less than 1.0
nF may result in error amp oscillation of several MHz.
The capacitor between the COMP pin and the inverting
error amplifier input and the parallel resistance of the VFB
resistor and the VDRP resistor are used to roll off the error
amp gain. The gain is rolled off at a high enough frequency
to give a quick transient response, but low enough to cross
zero dB well below the switching frequency to minimize
ripple and noise on the COMP pin.
UVLO
The CS5332 has undervoltage lockout functions
connected to two pins. One, intended for the logic and
low−side drivers, with a 4.4 V turn−on threshold is
connected to the VCCL pin. A second, for the high side
drivers, has a 2.0 V threshold and is connected to the VCCH1
pin.
The UVLO threshold for the high side drivers was chosen
at a low value to allow for flexibility in the part and an input
voltage as low as 3.3 V. In many applications this will be
disabled or will only check that the applicable supply is on
− not that it is at a high enough voltage to run the converter.
For the 12 VIN converter in Figure 1. the UVLO pin for the
high side driver is pulled up by the 5.0 V supply (through two
diode drops) and the function is not used. The diode between
the Soft Start pin and the 12 V supply holds the Soft Start pin
near GND and prevents start−up while the 12 V supply is off.
In an application where a higher UVLO threshold is
necessary a circuit like the one in Figure 15 will lock out the
converter until the 12 V supply exceeds 9.0 V.
Figure 15. External UVLO Circuit
Soft Start
100 k
100 k
50 k
+5.0 V
+12 V
Remote Sense
In some applications that require remote output voltage
sensing, there are conditions when the path of the feedback
signal can be broken. In a voltage regulator module (VRM)
the remote voltage feedback sense point is typically off the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com