Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5332 Datasheet(PDF) 17 Page - ON Semiconductor

Part # CS5332
Description  Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5332 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button CS5332 Datasheet HTML 12Page - ON Semiconductor CS5332 Datasheet HTML 13Page - ON Semiconductor CS5332 Datasheet HTML 14Page - ON Semiconductor CS5332 Datasheet HTML 15Page - ON Semiconductor CS5332 Datasheet HTML 16Page - ON Semiconductor CS5332 Datasheet HTML 17Page - ON Semiconductor CS5332 Datasheet HTML 18Page - ON Semiconductor CS5332 Datasheet HTML 19Page - ON Semiconductor CS5332 Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
CS5332
http://onsemi.com
17
RV(DRP) + DVDRP
RV(FB) DVOUT
Calculate Input Filter Capacitor Current Ripple
The procedure below assumes that phases do not overlap
and output inductor ripple current (P−P) is less than the
average output current of one phase.
9. Calculate Input Current
IIN +
VOUT
IOUT
(Efficiency
VIN)
10. Calculate Duty Cycle (per phase).
Duty Cycle +
VOUT
(Efficiency
VIN)
11. Calculate Apparent Duty Cycle.
Apparent Duty Cycle + Duty Cycle
#of Phases
12. Calculate Input Filter Capacitor Ripple Current. Use
the chart in Figure 17 to calculate the normalized
ripple current (KRMS) based on the reciprocal of
Apparent Duty Cycle. Then multiply the input current
by KRMS to obtain the Input Filter Capacitor Ripple
Current.
Ripple (RMS) + IIN
KRMS
4.00
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0.00
1/ Apparent Duty Cycle
15
10
5
0
Figure 17. Normalized Input Filter Capacitor
Ripple Current
DESIGN EXAMPLE
Choose the component values for a 240 kHz, 12 V to 1.525
V, 41 A converter with lossless current sensing, adaptive
positioning and a 50 A current limit. The adaptive
positioning is chosen 50 mV below the DAC setting at no
load and 50 mV below the no−load position with 41 A out.
The peak output voltage transient is 70 mV max during a 41
A step current.
Current Sensing, Power Stage and
Output Filter Components
1.Assume 1.5 mΩ of output filter ESR.
R
+ (VIN * VOUT)
(VOUT VIN) (F
C
25 mV)
+ (12 * 1.55)
(1.55 12) (240 k
.01mF
25mV)
+ 22.5 k
L RL + .01 mF
22.5 kW + 225 ms
Choose RL + 2.0 mW
L + 2.0 mW
225 ms + 450 nH
2.
3. n/a
PwrstgZ + RL
CSA Gain 2.0
+ 2.0 mW
3.15 2 + 3.1 mW
ConverterZ
+
PwrstgZ
ESR
PwrstgZ ) ESR
+ 3.1 mW
1.5 mW
3.1 mW ) 1.5 mW
^ 1.0 mW
DVR + 1.0 mW
41 A + 41 mV
4.
5. n/a
Current Limit
VI(LIM) + RL
IOUT(LIM)
CS to ILIM Gain
+ 2.0 mW
50 A
6.25 + 625 mV
6.
Adaptive Positioning
RV(FB) + NL Position VFB Bias Current
+ 50 mV 18 mA + 2.78 kW
7.
DVDRP + RL
IOUT
Current Sense to VDRP Gain
+ 2.0 mW
41 A
3.1 + 254 mV
RV(DRP) + DVDRP
RV(FB) DVOUT
+ 254 mV
2.78 kW 50 mV + 25.4 kW
8.
IIN + 1.52 V
41 A
(0.85
12VIN)
+ 6.1 A
9.
Duty Cycle +
1.52 V
(0.85
12 VIN)
+ 0.15
10.
Apparent Duty Cycle + 0.15
2.0 + 0.3
11.
RMS ripple is 6.1 A
1.5 + 9.2 A
12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com